Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 136 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 132Page - Texas Instruments AM6546ACD Datasheet HTML 133Page - Texas Instruments AM6546ACD Datasheet HTML 134Page - Texas Instruments AM6546ACD Datasheet HTML 135Page - Texas Instruments AM6546ACD Datasheet HTML 136Page - Texas Instruments AM6546ACD Datasheet HTML 137Page - Texas Instruments AM6546ACD Datasheet HTML 138Page - Texas Instruments AM6546ACD Datasheet HTML 139Page - Texas Instruments AM6546ACD Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 284 page
background image
7.6.4 DPHY CSI2 Buffers DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
BALL NAMES in Mode 0: CSI0_RXN0 / CSI0_RXN3 / CSI0_RXN4 / CSI0_RXP0 / CSI0_RXP3 / CSI0_RXP4 / CSI0_RXN1 /
CSI0_RXN2 / CSI0_RXP1 / CSI0_RXP2
BALL NUMBERS: F24 / F26 / F28 / G24 / G25 / G26 / G27 / G28 / H25 / H27
Low-Power Receiver (LP-RX)
VIH
High-level input voltage
880
mV
VIL
Low-level input voltage
550
mV
VHYS
Hysteresis
25
mV
Ultra-Low Power Receiver (ULP-RX)
VITH
High-level input voltage
880
mV
VITL-ULPM
Low-level input voltage
300
mV
VHYS
Hysteresis
25
mV
High Speed Receiver (HS-RX)
VIDTH
Differential input high threshold
70
mV
VIDTL
Differential input low threshold
-70
mV
VIDMAX
Maximum differential input voltage
270
mV
VILHS
Single-ended input low voltage
-40
mV
VIHHS
Single-ended input high voltage
460
mV
VCMRXDC
Common-mode voltage
70
330
mV
7.6.5 OLDI LVDS Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8-V MODE
BALL NAMES in Mode 0: OLDI0_A0P/N / OLDI0_A1P/N / OLDI0_A2P/N / OLDI0_A3P/N / OLDI0_CLKP/N
BALL NUMBERS: J24 / J26 / J28 / K24 / K25 / K26 / K27 / K28 / L25 / L27
OLDI LVDS TRANSMITTER
VOH
High Level Output Voltage
Differential Load = 100Ω
1.3
1.6
V
VOL
Low Level Output Voltage
0.9
1.01
V
VCM
Common Mode Voltage (OLDI)
1.125
1.25
1.375
V
Common Mode Voltage (sub-LVDS)
0.9
V
ΔVCM
Difference in Common Mode Output
Voltage, between high/low steady-states
35
mV
VOD
Differential Output Voltage
250
380
450
mV
Reduced Differential Output Voltage
100
200
300
mV
ΔVOD
Difference in Differential Output Voltage,
between high/low steady states
50
mV
IOS
Output Short Circuit Current
PAD/PADN = 0,
Differential Load = 100Ω
-5
mA
IOZ
Output Tri-State Current
PAD/PADN = 0/VDDS(1)
-10
4
40
µA
(1)
VDDS stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table
6-1, POWER [9] column.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
136
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com