Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 139 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 139 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 135Page - Texas Instruments AM6546ACD Datasheet HTML 136Page - Texas Instruments AM6546ACD Datasheet HTML 137Page - Texas Instruments AM6546ACD Datasheet HTML 138Page - Texas Instruments AM6546ACD Datasheet HTML 139Page - Texas Instruments AM6546ACD Datasheet HTML 140Page - Texas Instruments AM6546ACD Datasheet HTML 141Page - Texas Instruments AM6546ACD Datasheet HTML 142Page - Texas Instruments AM6546ACD Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 284 page
background image
7.7 VPP Specifications for One-Time Programmable (OTP) eFuses
This section specifies the operating conditions required for programming the OTP eFuses and is applicable only
for High-Security Devices.
7.7.1 Recommended Operating Conditions for OTP eFuse Programming
over operating free-air temperature range (unless otherwise noted)
PARAMETER(2)
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD_MCU
Supply voltage range for the core domain
during OTP operation; OPP NOM (BOOT)
See Section 7.4
V
VPP_CORE
Supply voltage range for the eFuse ROM
domain during normal operation
NC
V
Supply voltage range for the eFuse ROM
domain during OTP programming
(1)
NC
V
VPP_MCU
Supply voltage range for the eFuse ROM
domain during normal operation
NC
V
Supply voltage range for the eFuse ROM
domain during OTP programming
(1)
1.71
1.8
1.89
V
I(VPP_MCU)
100
mA
Tj
Temperature (junction)
0
25
85
°C
(1)
Supply voltage range includes DC errors and peak-to-peak noise. TI power management solutions TLV70718 from the TLV707x family
meet the supply voltage range needed for VPP_MCU.
(2)
NC stands for No Connect.
7.7.2 Hardware Requirements
The following hardware requirements must be met when programming keys in the OTP eFuses:
• The VPP_MCU power supply must be disabled when not programming OTP registers.
• The VPP_MCU power supply must be ramped up after the proper device power-up sequence (for more
details, see Section 7.9.2, Power Supply Sequencing).
7.7.3 Programming Sequence
Programming sequence for OTP eFuses:
• Power on the board per the power-up sequencing. No voltage should be applied on the VPP_MCU terminal
during power up and normal operation.
• Load the OTP write software required to program the eFuse (contact your local TI representative for the OTP
software package).
• Apply the voltage on the VPP_MCU terminal according to the specification in Section 7.7.1.
• Run the software that programs the OTP registers.
• After validating the content of the OTP registers, remove the voltage from the VPP_MCU terminal.
7.7.4 Impact to Your Hardware Warranty
You accept that e-Fusing the TI Devices with security keys permanently alters them. You acknowledge that the
e-Fuse can fail, for example, due to incorrect or aborted program sequence or if you omit a sequence step.
Further the TI Device may fail to secure boot if the error code correction check fails for the Production Keys
or if the image is not signed and optionally encrypted with the current active Production Keys. These types of
situations will render the TI Device inoperable and TI will be unable to confirm whether the TI Devices conformed
to their specifications prior to the attempted e-Fuse.
CONSEQUENTLY, TI WILL HAVE NO LIABILITY (WARRANTY OR OTHERWISE) FOR ANY TI DEVICES THAT
HAVE BEEN e-FUSED WITH SECURITY KEYS.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
139
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com