Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 167 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 163Page - Texas Instruments AM6546ACD Datasheet HTML 164Page - Texas Instruments AM6546ACD Datasheet HTML 165Page - Texas Instruments AM6546ACD Datasheet HTML 166Page - Texas Instruments AM6546ACD Datasheet HTML 167Page - Texas Instruments AM6546ACD Datasheet HTML 168Page - Texas Instruments AM6546ACD Datasheet HTML 169Page - Texas Instruments AM6546ACD Datasheet HTML 170Page - Texas Instruments AM6546ACD Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 284 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
RMII2
tw(REF_CLKH)
Pulse Duration, REF_CLK High
7
13
ns
RMII3
tw(REF_CLKL)
Pulse Duration, REF_CLK Low
7
13
ns
RMII[x]_REFCLK
(input)
RMII2
RMII3
RMII1
Figure 7-33. RMII[x]_REFCLK Timing - RMII Mode
7.9.5.2.2.2 Timing Requirements for RMII[x]_RXD[1:0], RMII[x]_CRS_DV, and RMII[x]_RXER - RMII Mode
NO.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
RMII4
tsu(RXD-REF_CLK)
Setup time, RXD[1:0] valid before REF_CLK
4
ns
tsu(CRS_DV-REF_CLK)
Setup time, CRS_DV valid before REF_CLK
4
ns
tsu(RX_ER-REF_CLK)
Setup time, RX_ER valid before REF_CLK
4
ns
RMII5
th(REF_CLK-RXD)
Hold time RXD[1:0] valid after REF_CLK
2
ns
th(REF_CLK-CRS_DV)
Hold time, CRS_DV valid after REF_CLK
2
ns
th(REF_CLK-RX_ER)
Hold time, RX_ER valid after REF_CLK
2
ns
RMII4
RMII5
RMII[x]_RXD[1:0]
RMII[x]_RXER
,
RMII[x]_CRS_DV,
(inputs)
SPRSP08_CPSW2G_RMIIRX
RMII[x]_
(input)
REFCLK
Figure 7-34. RMII[x]_RXD[1:0], RMII[x]_CRS_DV, RMII[x]_RXER Timing - RMII Mode
Section 7.9.5.2.2.3, and Section 7.9.5.2.2.3 present switching characteristics for CPSW2G RMII Transmit.
7.9.5.2.2.3 Switching Characteristics for RMII[x]_TXD[1:0], and RMII[x]_TXEN - RMII Mode
NO.
PARAMETER
MIN
TYP
MAX
UNIT
RMII6
td(REF_CLK-TXD)
Delay time, REF_CLK High to TXD[1:0] valid
2
13
ns
td(REF_CLK-TXEN)
Delay time, REF_CLK to TXEN valid
2
13
ns
RMII[x]_TXD[1:0], RMII[x]_TX_EN
RMII6
RMII[x]_REF_CLK
Figure 7-35. RMII[x]_TXD[1:0], and RMII[x]_TX_EN Switching Characteristics – RMII Mode
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com