Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 170 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 166Page - Texas Instruments AM6546ACD Datasheet HTML 167Page - Texas Instruments AM6546ACD Datasheet HTML 168Page - Texas Instruments AM6546ACD Datasheet HTML 169Page - Texas Instruments AM6546ACD Datasheet HTML 170Page - Texas Instruments AM6546ACD Datasheet HTML 171Page - Texas Instruments AM6546ACD Datasheet HTML 172Page - Texas Instruments AM6546ACD Datasheet HTML 173Page - Texas Instruments AM6546ACD Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 284 page
background image
NO.
PARAMETER
MODE
MIN
TYP
MAX
UNIT
RGMII1
0
toh(TD-TXC)
Output hold time, RGMII[x]_TD[3:0] valid after
RGMII[x]_TXC high/low
10/100 Mbps
1.2
ns
1000 Mbps
1.05(1)
ns
toh(TX_CTL-TXC)
Output hold time, RGMII[x]_TX_CTL valid after
RGMII[x]_TXC high/low
10/100 Mbps
1.2
ns
1000 Mbps
1.05(1)
ns
(1)
1000Mbps operation requires that the 4 data pins (RGMII[x]_TD[3:0]) and RGMII[x]_TX_CTL have their board propagation delays
matched to within 50 ps of RGMII[x]_TXC.
RGMII[x]_TXC
(A)
RGMII[x]_TD[3:0]
(B)
RGMII[x] TX_CTL
_
(B)
RGMII9
1st Half-byte
TXERR
TXEN
2nd Half-byte
RGMII7
RGMII8
RGMII6
RGMII10
A.
TXC is delayed internally before being driven to the RGMII[x]_TXC pin. This internal delay is always enabled.
B.
Data and control information is received using both edges of the clocks. RGMII_TD[3:0] carries data bits 3-0 on the rising edge of
RGMII_TXC and data bits 7-4 on the falling edge of RGMII_TXC. Similarly, RGMII_TX_CTL carries TXDV on rising edge of RGMII_TXC
and RTXERR on falling edge of RGMII_TXC.
Figure 7-37. CPSW2G Transmit Interface Timing RGMII Mode
For more information, see section Gigabit Ethernet MAC (MCU_CPSW0) in the device TRM.
7.9.5.3 CSI2
Note
For more information, see section Camera Adapter Layer (CAL) Subsystem in the device TRM.
The camera adaptation layer (CAL) delas with the processing of pixel data coming from an external image
sensor and data from memory. It is a key component for the following multimedia applications: camera
viewfinder, video record, and still image capture.
The device includes one instantiation of CAL Subsystem named CALSS0, with a single companion
CAMERARX0 instance.
CALSS0 is a very flexible subsystem that enables 3 different connections to cameras. It supports MIPI CSI-2
over D-PHY serial interface; a LVDS serial interface; and a traditional parallel interface.
The CALSS0 is compliant with the MIPI D-PHY RX specification v1.01.00 and the MIPI CSI-2 specification, with
4 data differential lanes plus 1 clock differential lane in synchronous mode, double data rate:
• 1.2 Gbps (600 MHz) for each lane.
7.9.5.4 DDRSS
For more details about features and additional description information on the device DDR4 Memory Interfaces,
see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
The device has dedicated interfaces to DDR4 SDRAM. It supports JESD79-4B standard-compliant DDR4
SDRAM devices with the following features:
• 16-bit or 32-bit data path to external SDRAM memory
• Memory device capacity: Up to 8 GB address space available over one chip select
Table 7-32 and Figure 7-38 present switching characteristics for DDRSS.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
170
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com