Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 174 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 174 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 170Page - Texas Instruments AM6546ACD Datasheet HTML 171Page - Texas Instruments AM6546ACD Datasheet HTML 172Page - Texas Instruments AM6546ACD Datasheet HTML 173Page - Texas Instruments AM6546ACD Datasheet HTML 174Page - Texas Instruments AM6546ACD Datasheet HTML 175Page - Texas Instruments AM6546ACD Datasheet HTML 176Page - Texas Instruments AM6546ACD Datasheet HTML 177Page - Texas Instruments AM6546ACD Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 284 page
background image
7.9.5.6.2 eCAP Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP2
tw(APWM)
Pulse duration, APWMx
-3 + 2P
(1)
ns
(1)
P = sysclk period in ns.
APWM
CAP2
EPERIPHERALS_TIMNG_02
Figure 7-42. eCAP Switching Characteristics
For more information, see section Enhanced Capture (ECAP) Module in the device TRM.
7.9.5.7 ePWM
The supported features by the device ePWM are:
• Dedicated 16-bit time-base counter with period and frequency control
• Two independent PWM outputs which can be used in different configurations (with single-edge operation,
with dual-edge symmetric operation or one independent PWM output with dual-edge asymmetric operation)
• Asynchronous override control of PWM signals during fault conditions
• Programmable phase-control support for lag or lead operation relative to other EPWM modules
• Dead-band generation with independent rising and falling edge delay control
• Programmable trip zone allocation of both latched and un-latched fault conditions
• Events enabling to trigger both CPU interrupts and start of ADC conversions
Table 7-36 represents ePWM timing conditions.
Table 7-36. ePWM Timing Conditionns
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
7
pF
Section 7.9.5.7.1 and Section 7.9.5.7.2 present timing and switching characteristics for eHRPWM (see Figure
7-43, Figure 7-44, Figure 7-45, and Figure 7-46).
7.9.5.7.1 ePWM Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM6
tw(SYNCIN)
Pulse duration, eHRPWM_SYNCI
3 + 2P
(1)
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
174
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com