Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 187 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 187 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 183Page - Texas Instruments AM6546ACD Datasheet HTML 184Page - Texas Instruments AM6546ACD Datasheet HTML 185Page - Texas Instruments AM6546ACD Datasheet HTML 186Page - Texas Instruments AM6546ACD Datasheet HTML 187Page - Texas Instruments AM6546ACD Datasheet HTML 188Page - Texas Instruments AM6546ACD Datasheet HTML 189Page - Texas Instruments AM6546ACD Datasheet HTML 190Page - Texas Instruments AM6546ACD Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 284 page
background image
B.
In GPMC_WAIT[x], x is equal to 0 or 1.
Figure 7-51. GPMC and Multiplexed NOR Flash—Synchronous Burst Read
GPMC_CLK
GPMC_CSn[x]
GPMC_A[27:17]
GPMC_BE1n
BPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_WEn
GPMC_WAIT[x]
Address (LSB)
D 0
D 1
D 2
D 3
F4
F15
F15
F15
F1
F1
F2
F6
F8
F8
F0
F3
F17
F17
F17
F9
F6
F17
F17
F17
F18
F20
F14
F22
F21
Address (MSB)
GPMC_AD[15:0]
F14
GPMC_05
A.
In GPMC_CSn[x], x is equal to 0, 1, 2 or 3.
B.
In GPMC_WAIT[x], x is equal to 0 or 1.
Figure 7-52. GPMC and Multiplexed NOR Flash—Synchronous Burst Write
7.9.5.10.2 GPMC and NOR Flash—Asynchronous Mode
Section 7.9.5.10.2.1 and Section 7.9.5.10.2.2 assume testing over the recommended operating conditions and
electrical characteristic conditions below (see Figure 7-53 through Figure 7-58).
7.9.5.10.2.1 GPMC and NOR Flash Timing Requirements—Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX UNIT
FA5(1) tacc(d)
Data access time
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
H (4)
ns
FA20(2) tacc1-pgmode(d)
Page mode successive data access time
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
P (3)
ns
FA21(1) tacc2-pgmode(d)
Page mode first data access time
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
H (4)
ns
(1)
The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active
functional clock edge. FA5 value must be stored inside the AccessTime register bit field.
(2)
The FA20 prameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional
clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(3)
P = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(5)
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
187
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com