Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 188 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 184Page - Texas Instruments AM6546ACD Datasheet HTML 185Page - Texas Instruments AM6546ACD Datasheet HTML 186Page - Texas Instruments AM6546ACD Datasheet HTML 187Page - Texas Instruments AM6546ACD Datasheet HTML 188Page - Texas Instruments AM6546ACD Datasheet HTML 189Page - Texas Instruments AM6546ACD Datasheet HTML 190Page - Texas Instruments AM6546ACD Datasheet HTML 191Page - Texas Instruments AM6546ACD Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 284 page
background image
(4)
H = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(5)
(5)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
7.9.5.10.2.2 GPMC and NOR Flash Switching Characteristics—Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MODE(15)
MIN
MAX UNIT
FA0
tw(be[x]nV)
Pulse duration, output lower-byte enable and
command latch enable GPMC_BE0n_CLE, output
upper-byte enable GPMC_BE1n valid time
Read
0+N (12)
ns
Write
0+N (12)
FA1
tw(csnV)
Pulse duration, output chip select GPMC_CSn[x]
(13) low
Read
0+A (1)
ns
Write
0+A (1)
FA3
td(csnV-advnIV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output address valid and address latch
enable GPMC_ADVn_ALE invalid
Read
-2+B (2)
2+B (2)
ns
Write
-2+B (2)
2+B (2)
FA4
td(csnV-oenIV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output enable GPMC_OEn_REn invalid
(Single read)
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+C (3)
2+C (3)
ns
FA9
td(aV-csnV)
Delay time, output address GPMC_A[27:1] valid to
output chip select GPMC_CSn[x](13) valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+J (9)
2+J (9)
ns
FA10 td(be[x]nV-csnV)
Delay time, output lower-byte enable and
command latch enable GPMC_BE0n_CLE, output
upper-byte enable GPMC_BE1n valid to output
chip select GPMC_CSn[x](13) valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+J (9)
2+J (9)
ns
FA12 td(csnV-advnV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output address valid and address latch
enable GPMC_ADVn_ALE valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+K (10)
2+K (10)
ns
FA13 td(csnV-oenV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output enable GPMC_OEn_REn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+L (11)
2+L (11)
ns
FA16 tw(aIV)
Pulse duration output address GPMC_A[26:1]
invalid between 2 successive read and write
accesses
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
0+G (7)
ns
FA18 td(csnV-oenIV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output enable GPMC_OEn_REn invalid
(Burst read)
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+I (8)
2+I (8)
ns
FA20 tw(aV)
Pulse duration, output address GPMC_A[27:1]
valid - 2nd, 3rd, and 4th accesses
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
0+D (4)
ns
FA25 td(csnV-wenV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+E (5)
2+E (5)
ns
FA27 td(csnV-wenIV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output write enable GPMC_WEn invalid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+F (6)
2+F (6)
ns
FA28 td(wenV-dV)
Delay time, output write enable GPMC_WEn valid
to output data GPMC_AD[15:0] valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
2.8
ns
FA29 td(dV-csnV)
Delay time, output data GPMC_AD[15:0] valid to
output chip select GPMC_CSn[x](13) valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+J (9)
2+J (9)
ns
FA37 td(oenV-aIV)
Delay time, output enable GPMC_OEn_REn valid
to output address GPMC_AD[15:0] phase end
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
2.8
ns
(1)
For single read: A = (CSRdOffTime - CSOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
For single write: A = (CSWrOffTime - CSOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
with n being the page burst access number
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
188
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com