Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 207 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 203Page - Texas Instruments AM6546ACD Datasheet HTML 204Page - Texas Instruments AM6546ACD Datasheet HTML 205Page - Texas Instruments AM6546ACD Datasheet HTML 206Page - Texas Instruments AM6546ACD Datasheet HTML 207Page - Texas Instruments AM6546ACD Datasheet HTML 208Page - Texas Instruments AM6546ACD Datasheet HTML 209Page - Texas Instruments AM6546ACD Datasheet HTML 210Page - Texas Instruments AM6546ACD Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 284 page
background image
Table 7-46. SPI Timing Conditions (continued)
PARAMETER
MIN
MAX
UNIT
CL
Output load capacitance
2
24
pF
7.9.5.15.1 SPI—Master Mode
Table 7-47, Table 7-48, Figure 7-68, Figure 7-69 present Timing Requirements and Switching Characteristics for
SPI - Master Mode.
Table 7-47. SPI Timing Requirements - Master Mode
NO.
MIN
MAX
UNIT
SM4
tsu(MISO-SPICLK)
Setup time, SPI_D[x] valid before SPI_CLK active edge
2
ns
SM5
th(SPICLK-MISO)
Hold time, SPI_D[x] valid after SPI_CLK active edge
3
ns
Table 7-48. SPI Switching Characteristics - Master Mode
NO.
DESCRIPTION
MODE
MIN
MAX
UNIT
SM1
tc(SPICLK)
Cycle time, SPI_CLK
20.8
ns
SM2
tw(SPICLKL)
Typical Pulse duration, SPI_CLK low
-1 +
0.5P(1)
ns
SM3
tw(SPICLKH)
Typical Pulse duration, SPI_CLK high
-1 +
0.5P(1)
ns
SM6
td(SPICLK-SIMO)
Delay time, SPI_CLK active edge to SPI_D[x] transition
-3
2
ns
SM7
tsk(CS-SIMO)
Delay time, SPI_CS[x] active to SPI_D[x] transition
5
ns
SM8
td(SPICLK-CS)
Delay time, SPI_CS[x] active to SPI_CLK first edge
Master_PHA0_POL0;
Master_PHA0_POL1;
-4 + B(2)
ns
Master_PHA1_POL0;
Master_PHA1_POL1;
-4 + A(3)
ns
SM9
td(SPICLK-CS)
Delay time, SPI_CLK last edge to SPI_CS[x] inactive
Master_PHA0_POL0;
Master_PHA0_POL1;
-4 + A(3)
ns
Master_PHA1_POL0;
Master_PHA1_POL1;
-4 + B(2)
ns
(1)
P = SPICLK period
(2)
B = (TCS + .5) × TSPICLKREF x Fratio, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even >= 2.
(3)
When P = 20.8 ns, A = (TCS + 1) × TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
When P > 20.8 ns, A = (TCS + 0.5) × Fratio × TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
207
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com