Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 210 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 206Page - Texas Instruments AM6546ACD Datasheet HTML 207Page - Texas Instruments AM6546ACD Datasheet HTML 208Page - Texas Instruments AM6546ACD Datasheet HTML 209Page - Texas Instruments AM6546ACD Datasheet HTML 210Page - Texas Instruments AM6546ACD Datasheet HTML 211Page - Texas Instruments AM6546ACD Datasheet HTML 212Page - Texas Instruments AM6546ACD Datasheet HTML 213Page - Texas Instruments AM6546ACD Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 284 page
background image
7.9.5.15.2 SPI—Slave Mode
Table 7-49, Table 7-50, Figure 7-70and Figure 7-71 present Timing Requirements and Switching Characteristics
for SPI - Slave Mode.
Table 7-49. SPI Timing Requirements - Slave Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS1
tc(SPICLK)
Cycle time, SPI_CLK
20.8
ns
SS2
tw(SPICLKL)
Typical Pulse duration, SPI_CLK low
0.45P(1)
ns
SS3
tw(SPICLKH)
Typical Pulse duration, SPI_CLK high
0.45P(1)
ns
SS4
tsu(SIMO-SPICLK)
Setup time, SPI_D[x] valid before SPI_CLK active edge
5
ns
SS5
th(SPICLK-SIMO)
Hold time, SPI_D[x] valid after SPI_CLK active edge
5
ns
SS8
tsu(CS-SPICLK)
Setup time, SPI_CS[x] valid before SPI_CLK first edge
5
ns
SS9
th(SPICLK-CS)
Hold time, SPI_CS[x] valid after SPI_CLK last edge
5
ns
Table 7-50. SPI Switching Characteristics - Slave Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS6
td(SPICLK-SOMI)
Delay time, SPI_CLK active edge to mcspi_somi transition
2
5
ns
SS7
tsk(CS-SOMI)
Delay time, SPI_CS[x] active edge to mcspi_somi transition
20.95
ns
(1)
P = SPICLK period.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
210
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com