Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 233 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 233 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 229Page - Texas Instruments AM6546ACD Datasheet HTML 230Page - Texas Instruments AM6546ACD Datasheet HTML 231Page - Texas Instruments AM6546ACD Datasheet HTML 232Page - Texas Instruments AM6546ACD Datasheet HTML 233Page - Texas Instruments AM6546ACD Datasheet HTML 234Page - Texas Instruments AM6546ACD Datasheet HTML 235Page - Texas Instruments AM6546ACD Datasheet HTML 236Page - Texas Instruments AM6546ACD Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 284 page
background image
NO.
MIN
MAX
UNIT
PRSD4
th(SD_CLK-SD_DATA)
Hold time, SD_DATA valid before SD_CLK active edge
5
ns
SDx_CLK
SPRSP08_TIMING_PRU_07
PRSD2H
PRSD2L
PRSD4
PRSD3
SDx_D
PRSD1
Figure 7-100. PRU_ICSSG PRU SD_CLK Falling Active Edge
SDx_CLK
PRSD2L
PRSD3
PRSD4
SPRSP08_TIMING_PRU_08
SDx_D
Figure 7-101. PRU_ICSSG PRU SD_CLK Rising Active Edge
7.9.5.21.1.4.2 PRU_ICSSG PRU Timing Requirements - Peripheral Interface Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPIF1 tw(PIF_DATA_INH)
Pulse Duration, PIF_DATA_IN High
2 + 0.475×
(4×P) (1)
ns
PRPIF2 tw(PIF_DATA_INL)
Pulse Duration, PIF_DATA_IN Low
2 + 0.475×
(4×P) (1)
ns
(1)
P = 1x (or TX) clock period, defined by TX_DIV_FACTOR and TX_DIV_FACTOR_FRAC in the CFG_ED_Pn_TXCFG register.
PIF_DATA_IN
PRPIF1
SPRSP08_TIMING_PIF_01
PRPIF2
Figure 7-102. PRU_ICSSG PRU Peripheral Interface Timing
7.9.5.21.1.4.3 PRU_ICSSG PRU Switching Characteristics - Peripheral Interface Mode
NO.
DESCRIPTION
MIN
MAX UNIT
PRPIF1 tc(PIF_CLK)
Cycle time, PIF_CLK
30
ns
PRPIF2H tw(PIF_DATA_INH)
Pulse Duration, PIF_CLK High
0 + 0.475×P
(1)
ns
PRPIF2L tw(PIF_DATA_INL)
Pulse Duration, PIF_CLK Low
0 + 0.475×P
(1)
ns
PRPIF3
td(PIF_CLK-
PIF_DATA_OUT)
Delay time, PIF_CLK fall to PIF_DATA_OUT
-5
5 ns
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
233
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com