Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 234 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 234 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 230Page - Texas Instruments AM6546ACD Datasheet HTML 231Page - Texas Instruments AM6546ACD Datasheet HTML 232Page - Texas Instruments AM6546ACD Datasheet HTML 233Page - Texas Instruments AM6546ACD Datasheet HTML 234Page - Texas Instruments AM6546ACD Datasheet HTML 235Page - Texas Instruments AM6546ACD Datasheet HTML 236Page - Texas Instruments AM6546ACD Datasheet HTML 237Page - Texas Instruments AM6546ACD Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 284 page
background image
NO.
DESCRIPTION
MIN
MAX UNIT
PRPIF4 td(PIF_CLK-PIF_DATA_EN) Delay time, PIF_CLK fall to PIF_DATA_EN
-5
5 ns
(1)
P = 1x (or TX) clock period, defined by TX_DIV_FACTOR and TX_DIV_FACTOR_FRAC in the ICSSG_PRUn_ED_TX_CFG_REG,
where n = 0 or 1.
PIF_CLK
PIF_DATA_OUT
PRPIF1
PRPIF2H
PRPIF3
SPRSP08_TIMING_PIF_02
PRPIF2L
PIF_DATA_EN
PRPIF4
Figure 7-103. PRU_ICSSG PRU Peripheral Interface Switching Characteristics
7.9.5.21.2 PRU_ICSSG Pulse Width Modulation (PWM)
7.9.5.21.2.1 PRU_ICSSG PWM Electrical Data and Timing
Table 7-72 presents the PRU_ICSSG PWM timing conditions.
Table 7-72. PRU_ICSSG PWM Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
7
pF
7.9.5.21.2.1.1 PRU_ICSSG PWM Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPWM1 tsk(PWM_A/B)
PWM_A/B skew
5
ns
PWM_A/B
SPRSP08_TIMING_PRU_PWM_01
PRPWM1
Figure 7-104. PRU_ICSSG PRU PWM Timing
7.9.5.21.3 PRU_ICSSG Industrial Ethernet Peripheral (PRU_ICSSG IEP)
7.9.5.21.3.1 PRU_ICSSG IEP Electrical Data and Timing
7.9.5.21.3.1.1 PRU_ICSSG IEP Timing Requirements - Input Validated with SYNCx
NO.
MIN
MAX
UNIT
PRIEP1 tw(EDC_SYNCx_OUTL)
Pulse Duration, EDC_SYNCx_OUT Low
-2+20×P
(1)
ns
PRIEP2 tw(EDC_SYNCx_OUTH)
Pulse Duration, EDC_SYNCx_OUT High
-2+20×P
(1)
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
234
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com