Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 246 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 242Page - Texas Instruments AM6546ACD Datasheet HTML 243Page - Texas Instruments AM6546ACD Datasheet HTML 244Page - Texas Instruments AM6546ACD Datasheet HTML 245Page - Texas Instruments AM6546ACD Datasheet HTML 246Page - Texas Instruments AM6546ACD Datasheet HTML 247Page - Texas Instruments AM6546ACD Datasheet HTML 248Page - Texas Instruments AM6546ACD Datasheet HTML 249Page - Texas Instruments AM6546ACD Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 284 page
background image
7.9.5.25 Emulation and Debug
7.9.5.25.1 Debug Trace
Table 7-79 and Figure 7-124 assume testing over the recommended operating conditions and electrical
characteristic conditions.
Table 7-78. Debug Trace Timing Conditions
PARAMETER
MIN
MAX
UNIT
OUTPUT CONDITIONS
CL
Output load capacitance
2
5
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch)
Propagation delay mismatch across
all traces
200
ps
Table 7-79. Debug Trace Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DBTR1
tc(TRC_CLK)
Cycle time, TRC_CLK
10.16
ns
DBTR2
tw(TRC_CLKH)
Pulse width, TRC_CLK high
4.33
ns
DBTR3
tw(TRC_CLKL)
Pulse width, TRC_CLK low
4.33
ns
DBTR4
tosu(TRC_DATAV-
TRC_CLK)
Output setup time, TRC_DATA valid to TRC_CLK edge
1.27
ns
DBTR5
toh(TRC_CLK-TRC_DATAI) Output hold time, TRC_CLK edge to TRC_DATA invalid
1.27
ns
DBTR6
tosu(TRC_CTLV-TRC_CLK) Output setup time, TRC_CTL valid to TRC_CLK edge
1.27
ns
DBTR7
toh(TRC_CLK-TRC_CTLI)
Output hold time, TRC_CLK edge to TRC_CTL invalid
1.27
ns
TRC_DATA
TRC_CTL
TRC_CLK
(
)
(
)
(Ideal)
Worst Case 1
Worst Case 2
DBTR1
DBTR2
DBTR3
DBTR4
DBTR6
DBTR5
DBTR7
DBTR4
DBTR6
DBTR5
DBTR7
SPRSP08_Debug_01
Figure 7-124. Debug Trace Switching Characteristics
7.9.5.25.2 JTAG
For more details about features and additional description information on the device IEEE 1149.1 Standard-Test-
Access Port, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed
Description.
Table 7-80 presents the timing conditions for JTAG.
Table 7-80. JTAG Timing Conditions
PARAMETER
SIGNAL
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
TCK
0.5
2.00
V/ns
TDI, TMS
0.25
2.00
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
TDO
5
15
pF
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
246
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com