Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 247 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 247 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 243Page - Texas Instruments AM6546ACD Datasheet HTML 244Page - Texas Instruments AM6546ACD Datasheet HTML 245Page - Texas Instruments AM6546ACD Datasheet HTML 246Page - Texas Instruments AM6546ACD Datasheet HTML 247Page - Texas Instruments AM6546ACD Datasheet HTML 248Page - Texas Instruments AM6546ACD Datasheet HTML 249Page - Texas Instruments AM6546ACD Datasheet HTML 250Page - Texas Instruments AM6546ACD Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 284 page
background image
7.9.5.25.2.1 JTAG Electrical Data and Timing
Section 7.9.5.25.2.1.1, Section 7.9.5.25.2.1.2, and Figure 7-125 assume testing over the recommended
operating conditions and electrical characteristic conditions.
7.9.5.25.2.1.1 JTAG Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J1
tc(TCK)
Cycle time minimum, TCK
60
ns
J2
tw(TCKH)
Pulse width minimum, TCK high
24
ns
J3
tw(TCKL)
Pulse width minimum, TCK low
24
ns
J4
tsu(TDI-TCK)
Input setup time minimum, TDI valid to TCK high
7
ns
tsu(TMS-TCK)
Input setup time minimum, TMS valid to TCK high
7
ns
J5
th(TCK-TDI)
Input hold time minimum, TDI valid from TCK high
4
ns
th(TCK-TMS)
Input hold time minimum, TMS valid from TCK high
4
ns
7.9.5.25.2.1.2 JTAG Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
24
ns
TDO
J2
J1
J4
TCK
J5
TDI / TMS
J3
J6
J7
J4
J5
Figure 7-125. JTAG Test-Port Timing
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
247
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com