Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 278 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 278 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 274Page - Texas Instruments AM6526ACD Datasheet HTML 275Page - Texas Instruments AM6526ACD Datasheet HTML 276Page - Texas Instruments AM6526ACD Datasheet HTML 277Page - Texas Instruments AM6526ACD Datasheet HTML 278Page - Texas Instruments AM6526ACD Datasheet HTML 279Page - Texas Instruments AM6526ACD Datasheet HTML 280Page - Texas Instruments AM6526ACD Datasheet HTML 281Page - Texas Instruments AM6526ACD Datasheet HTML 282Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 284 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Oct-2022
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
AM6526BACDXA
ACTIVE
FCBGA
ACD
784
1
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 105
AM6526BACDXA
900
900 ACD
Samples
AM6526BACDXEAF
ACTIVE
FCBGA
ACD
784
60
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 105
AM6526BACDXEAF
900
900 ACD
Samples
AM6528BACDXEA
ACTIVE
FCBGA
ACD
784
1
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 105
AM6528BACDXEA
900
900 ACD
Samples
AM6546BACDXA
ACTIVE
FCBGA
ACD
784
60
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 105
AM6546BACDXA
900
900 ACD
Samples
AM6548BACDXEAF
ACTIVE
FCBGA
ACD
784
60
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 105
AM6548BACDXEAF
900
900 ACD
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com