Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 51 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 47Page - Texas Instruments AM6526ACD Datasheet HTML 48Page - Texas Instruments AM6526ACD Datasheet HTML 49Page - Texas Instruments AM6526ACD Datasheet HTML 50Page - Texas Instruments AM6526ACD Datasheet HTML 51Page - Texas Instruments AM6526ACD Datasheet HTML 52Page - Texas Instruments AM6526ACD Datasheet HTML 53Page - Texas Instruments AM6526ACD Datasheet HTML 54Page - Texas Instruments AM6526ACD Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AC14
SERDES1_REFRES
SERDES1_REFRES
A
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
AG9
SERDES1_RXN
SERDES1_RXN
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
AH10
SERDES1_RXP
SERDES1_RXP
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
AH9
SERDES1_TXN
SERDES1_TXN
O
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
AG8
SERDES1_TXP
SERDES1_TXP
O
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
E20
SOC_SAFETY_ERRORn
SOC_SAFETY_ERRORn
0
IO
PD
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
1/0
Yes
AH13
SPI0_CLK
SPI0_CLK
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
Yes
GPIO1_17
7
IO
0
AH12
SPI1_CLK
SPI1_CLK
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG2_IEP0_EDC_SYNC_OUT0
3
O
PRG2_UART0_RTSn
4
O
GPIO1_22
7
IO
0
AG13
SPI0_CS0
SPI0_CS0
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
1
0/1
Yes
GPIO1_15
7
IO
0
AF13
SPI0_CS1
SPI0_CS1
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
1
0/1
Yes
CPTS0_TS_COMP
1
O
I2C3_SCL
2
IOD
1
PRG1_IEP0_EDIO_OUTVALID
6
O
GPIO1_16
7
IO
0
AE13
SPI0_D0
SPI0_D0
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
Yes
GPIO1_18
7
IO
0
AD13
SPI0_D1
SPI0_D1
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
Yes
GPIO1_19
7
IO
0
AD12
SPI1_CS0
SPI1_CS0
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
1
0/1
Yes
PRG2_IEP0_EDC_LATCH_IN0
3
I
0
PRG2_UART0_CTSn
4
I
1
PRG0_IEP0_EDIO_OUTVALID
6
O
GPIO1_20
7
IO
0
AG12
SPI1_CS1
SPI1_CS1
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
1
0/1
Yes
CPTS0_TS_SYNC
1
O
I2C3_SDA
2
IOD
1
GPIO1_21
7
IO
0
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com