Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 99 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 99 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 95Page - Texas Instruments AM6526ACD Datasheet HTML 96Page - Texas Instruments AM6526ACD Datasheet HTML 97Page - Texas Instruments AM6526ACD Datasheet HTML 98Page - Texas Instruments AM6526ACD Datasheet HTML 99Page - Texas Instruments AM6526ACD Datasheet HTML 100Page - Texas Instruments AM6526ACD Datasheet HTML 101Page - Texas Instruments AM6526ACD Datasheet HTML 102Page - Texas Instruments AM6526ACD Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 284 page
background image
Table 6-55. PRU_ICSSG2 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PRG2_RGMII1_TD1
PRU_ICSSG RGMII Transmit Data
O
AG16
PRG2_RGMII1_TD2
PRU_ICSSG RGMII Transmit Data
O
AF16
PRG2_RGMII1_TD3
PRU_ICSSG RGMII Transmit Data
O
AE16
PRG2_RGMII2_RD0
PRU_ICSSG RGMII Receive Data
I
AH15
PRG2_RGMII2_RD1
PRU_ICSSG RGMII Receive Data
I
AC16
PRG2_RGMII2_RD2
PRU_ICSSG RGMII Receive Data
I
AD17
PRG2_RGMII2_RD3
PRU_ICSSG RGMII Receive Data
I
AH14
PRG2_RGMII2_TD0
PRU_ICSSG RGMII Transmit Data
O
AD15
PRG2_RGMII2_TD1
PRU_ICSSG RGMII Transmit Data
O
AF14
PRG2_RGMII2_TD2
PRU_ICSSG RGMII Transmit Data
O
AC15
PRG2_RGMII2_TD3
PRU_ICSSG RGMII Transmit Data
O
AD14
PRG2_UART0_CTSn
PRU_ICSSG UART Clear to Send (active low)
I
AD12
PRG2_UART0_RTSn
PRU_ICSSG UART Request to Send (active low)
O
AH12
PRG2_UART0_RXD
PRU_ICSSG UART Receive Data
I
AE12
PRG2_UART0_TXD
PRU_ICSSG UART Transmit Data
O
AF12
(1)
When OSC1 is being used with an external crystal, this signal is unavailable. The output functionality must be disabled.
6.3.22 SERDES
6.3.22.1 MAIN Domain
Table 6-56. SERDES0 Signal Descriptions
see (1)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_REFCLKN
SERDES Clock Input (negative)
I
AG5
SERDES0_REFCLKP
SERDES Clock Input (positive)
I
AG6
SERDES0_REFRES
SERDES Reference Resistor
(2)
A
AC9
SERDES0_RXN
SERDES Differential Receive Data (negative)
I
AH3
SERDES0_RXP
SERDES Differential Receive Data (positive)
I
AG2
SERDES0_TXN
SERDES Differential Transmit Data (negative)
O
AH4
SERDES0_TXP
SERDES Differential Transmit Data (positive)
O
AG3
(1)
The functionality of these pins is controlled by CTRLMMR_SERDES0_CTRL[1:0] LANE_FUNC_SEL. 0x0 = USB3, 0x1 = PCIe0
Lane0, 0x2 = ICSS2 SGMII Lane0.
(2)
The required resistor value is 3kΩ ±1%.
Table 6-57. SERDES1 Signal Descriptions
see (1)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES1_REFCLKN
SERDES Clock Input (negative)
I
AH6
SERDES1_REFCLKP
SERDES Clock Input (positive)
I
AH7
SERDES1_REFRES
SERDES Reference Resistor
(2)
A
AC14
SERDES1_RXN
SERDES Differential Receive Data (negative)
I
AG9
SERDES1_RXP
SERDES Differential Receive Data (positive)
I
AH10
SERDES1_TXN
SERDES Differential Transmit Data (negative)
O
AH9
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com