Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 4 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 4 Page - Texas Instruments

  AM6526ACD Datasheet HTML 1Page - Texas Instruments AM6526ACD Datasheet HTML 2Page - Texas Instruments AM6526ACD Datasheet HTML 3Page - Texas Instruments AM6526ACD Datasheet HTML 4Page - Texas Instruments AM6526ACD Datasheet HTML 5Page - Texas Instruments AM6526ACD Datasheet HTML 6Page - Texas Instruments AM6526ACD Datasheet HTML 7Page - Texas Instruments AM6526ACD Datasheet HTML 8Page - Texas Instruments AM6526ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 284 page
background image
3 Description
AM654x and AM652x Sitara™ processors are Arm® applications processors built to meet the complex
processing needs of modern industry 4.0 embedded products.
The AM654x and AM652x devices combine four or two Arm® Cortex®-A53 cores with a dual Arm® Cortex®-R5F
MCU subsystem which includes features intended to help customers achieve their functional safety goals for
their end products and three Gigabit industrial communications subsystems (PRU_ICSSG) to create a SoC
capable of high-performance industrial controls with industrial connectivity and processing for functional safety
applications. AM65xx is currently undergoing assessment to be certified by TÜV SÜD according to IEC 61508.
The four Arm® Cortex®-A53 cores in the AM654x are arranged in two dual-core clusters with shared L2
memory to create two processing channels. The two Arm® Cortex®-A53 cores in the AM652x are available
in a single dual-core cluster and two single-core cluster options. Extensive ECC is included on on-chip
memory, peripherals, and interconnect for reliability. The SoC as a whole includes features intended to help
customers design systems that can achieve their functional safety goals (assessment pending with TÜV SÜD).
Cryptographic acceleration and secure boot are available on some AM654x and AM652x devices in addition to
granular firewalls managed by the DMSC.
Programmability is provided by the Arm® Cortex®-A53 RISC CPUs with Arm® Neon™ extension, and the dual
Arm® Cortex®-R5F MCU subsystem is available for general purpose use as two cores or it can be used in
lockstep to help meet the needs of functional safety applications. The PRU_ICSSG subsystems can be used to
provide up to six ports of industrial Ethernet such as Profinet IRT, TSN, Ethernet/IP or EtherCAT® (among many
others), or they can be used for standard Gigabit Ethernet connectivity.
TI provides a complete set of software and development tools for the Arm® cores including Processor SDK
Linux, Linux-RT, RTOS, and Android as well as C compilers and a debugging interface for visibility into
source code execution. Applicable functional safety and security documentation will be made available to assist
customers in developing their functional safety or security related systems.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE
AM6548ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6528ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6546ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6526ACD
FCBGA (784)
23.0 mm × 23.0 mm
(1)
For more information, see Section 11, Mechanical, Packaging, and Orderable Information
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com