Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 10 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 6Page - Texas Instruments AM6526ACD Datasheet HTML 7Page - Texas Instruments AM6526ACD Datasheet HTML 8Page - Texas Instruments AM6526ACD Datasheet HTML 9Page - Texas Instruments AM6526ACD Datasheet HTML 10Page - Texas Instruments AM6526ACD Datasheet HTML 11Page - Texas Instruments AM6526ACD Datasheet HTML 12Page - Texas Instruments AM6526ACD Datasheet HTML 13Page - Texas Instruments AM6526ACD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 284 page
background image
Table 5-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM6548
AM6528
AM6546
AM6526
FEATURES
Flash Subsystem (FSS)
OSPI0
8-bits
(3)
OSPI1
4-bits
HyperBus
Not Supported(1)
Security Accelerator
SA
Yes
Error Signalling Module
ESM
Yes
2x PCI Express 3.1 Port with Integrated PHY
PCIE0
Up to Two Lanes(2)
PCIE1
Single Lane(2)
3x Programmable Real-Time Unit Subsystem
and Industrial Communication Subsystem
PRU_ICSSG0
Yes (2× RGMII, 2× MII)
PRU_ICSSG1
Yes (2× RGMII, 2× MII)
PRU_ICSSG2
Yes (2× RGMII, 2× MII, 2× SGMII(2))
Gigabit Ethernet Interface
CPSW
RMII or RGMII
General-Purpose Timers
TIMER
16
Enhanced High Resolution Pulse-Width
Modulator Module
EHRPWM
6
Enhanced Capture Module
ECAP
1
Enhanced Quadrature Encoder Pulse Module
EQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
5
Universal Serial Bus (USB3.1) SuperSpeed
Dual-Role-Device (DRD) Ports with SS PHY
USB0
Yes(2)
Universal Serial Bus (USB2.0) HighSpeed Dual-
Role-Device (DRD) Ports with HS/FS PHY
USB1
Yes
(1)
Features noted as “not supported”, must not be used. Their functionality is not supported by TI for this family of devices. These
features are subject to removal without notice on future device revisions. Any information regarding the unsupported features has been
retained in the documentation solely for the purpose of clarifying signal names or for consistency with previous feature descriptions.
(2)
SGMII0, SGMII1, USB3.1, PCIE0, and PCIE1 share total of two SerDes lanes.
(3)
Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1.
(4)
Device supports features to aid in functional safety system designs such as lockstep Arm R5F if the part number is designated with the
F option.
(5)
For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device TRM.
(6)
Only DDR4 is supported. DDR3L and LPDDR4 are not supported.
5.1 Related Products
Sitara™ processors
Scalable processors based on Arm Cortex-A cores with flexible peripherals,
connectivity & unified software support – perfect for sensors to servers.
Sitara™ processors –
Applications
Sitara processors provide scalable solutions for a wide range of applications from
HMIs and gateways to more complex equipment such as drives and substation
automation equipment. Sitara Arm processors offer scalability and reliability as well
as multi-protocol support for industrial communication protocols such as EtherCAT,
Ethernet/IP and Profinet.
Sitara™ processors –
Reference designs
TI provides many reference designs containing ‘building block’ solutions to enable
customers to rapidly development of their unique products and solutions.
Companion Products for
AM654x, AM652x
Review products that are frequently purchased or used in conjunction with this
product.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com