Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 1 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 1 Page - Texas Instruments

  AM6526ACD Datasheet HTML 1Page - Texas Instruments AM6526ACD Datasheet HTML 2Page - Texas Instruments AM6526ACD Datasheet HTML 3Page - Texas Instruments AM6526ACD Datasheet HTML 4Page - Texas Instruments AM6526ACD Datasheet HTML 5Page - Texas Instruments AM6526ACD Datasheet HTML 6Page - Texas Instruments AM6526ACD Datasheet HTML 7Page - Texas Instruments AM6526ACD Datasheet HTML 8Page - Texas Instruments AM6526ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 284 page
background image
AM654x, AM652x Sitara™ Processors
Silicon Revision 2.1
1 Features
Processor cores:
• Dual- or quad-core Arm® Cortex®-A53
microprocessor subsystem at up to 1.1 GHz
– Up to two dual-core or two single-core Arm®
Cortex®-A53 clusters with 512KB L2 cache
including SECDED
– Each A53 core has 32KB L1 ICache and 32K
L1 DCache
• Dual-core Arm® Cortex®-R5F at up to 400 MHz
– Supports lockstep mode
– 16KB ICache, 16KB DCache, and 64KB RAM
per R5F core
Industrial subsystem:
• Three gigabit Industrial Communication
Subsystems (PRU_ICSSG)
– Up to two 10/100/1000 Ethernet ports per
PRU_ICSSG
– Supports two SGMII ports
(2)
– Compatibility with 10/100Mb PRU-ICSS
– 24× PWMs per PRU_ICSSG
• Cycle-by-cycle control
• Enhanced trip control
– 18× Sigma-delta filters per PRU_ICSSG
• Short circuit logic
• Over-current logic
– 6× Multi-protocol position encoder interfaces
per PRU_ICSSG
Memory subsystem:
• Up to 2MB of on-chip L3 RAM with SECDED
• Multi-core Shared Memory Controller (MSMC)
– Up to 2MB (2 banks × 1MB) SRAM with
SECDED
• Shared coherent Level 2 or Level 3
memory-mapped SRAM
• Shared coherent Level 3 Cache
– 256-bit processor port bus and 40-bit physical
address bus
– Coherent unified bi-directional interfaces to
connect to processors or device masters
– L2, L3 Cache pre-warming and post flushing
– Bandwidth management with starvation bound
– One infrastructure master interface
– Single external memory master interface
– Supports distributed virtual system
– Supports internal DMA engine – Data Routing
Unit (DRU)
– ECC error protection
• DDR Subsystem (DDRSS)
– Supports DDR4 memory types up to DDR-1600
– 32-bit data bus and 7-bit SECDED bus
– 8 GB of total addressable space
• General-Purpose Memory Controller (GPMC)
SafeTI™ semiconductor component:
• Designed for functional safety applications
• Developed according to the requirements of IEC
61508
• Achieves systematic integrity of SIL-3
• For the MCU safety island, sufficient diagnostics
are included to achieve random fault integrity
requirements of SIL-2
• For the rest of the SoC, sufficient diagnostics
are included to achieve random fault integrity
requirements of SIL-2
• In addition, sufficient architectural metrics are in
place to achieve execution of SIL-3 applications
given a proper safety concept (for example
reciprocal comparison by software)
• Functional safety manual available
• Safety-related certification
– Component level functional safety certification
by TÜV SÜD [certification in progress]
• Functional safety features:
– ECC or parity on calculation-critical memories
and internal bus interconnect
– Firewalls to help provide Freedom From
Interference (FFI)
• Built-In Self-Test (BIST) for CPU, high-end
timers, and on-chip RAM
– Hardware error injection support for test-for-
diagnostics
– Error Signaling Modules (ESM) for capture of
functional safety related errors
– Voltage, temperature, and clock monitoring
– Windowed and non-windowed watchdog timers
in multiple clock domains
• MCU island
– Isolation of the dual-core Arm® Cortex®-R5F
microprocessor subsystem
– Separate voltage, clocks, resets, and dedicated
peripherals
– Internal MCSPI connection to the rest of SoC
Security:
• Secure boot supported
– Hardware-enforced root-of-trust
– Support to switch root-of-trust via backup key
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM6526ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM6526 TI1-AM6526 Datasheet
3Mb / 299P
Sitara Processors
AM6526 TI1-AM6526 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM6526 TI-AM6526 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6526 TI1-AM6526 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6526BACDXA TI-AM6526BACDXA Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
More results

Similar Description - AM6526ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
AM571x Sitara??Processors Silicon Revision 2.0
AM5718 TI1-AM5718_16 Datasheet
4Mb / 394P
Sitara Processors Silicon Revision 2.0
AM5718 TI1-AM5718_17 Datasheet
4Mb / 396P
Sitara Processors Silicon Revision 2.0
AM5718-HIREL TI1-AM5718-HIREL Datasheet
4Mb / 396P
Sitara Processors Silicon Revision 2.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
AM5729 TI1-AM5729 Datasheet
4Mb / 415P
Sitara Processors Silicon Revision 2.0
AM6548 TI-AM6548_V02 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548_V03 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com