Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 53 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 49Page - Texas Instruments AM6526ACD Datasheet HTML 50Page - Texas Instruments AM6526ACD Datasheet HTML 51Page - Texas Instruments AM6526ACD Datasheet HTML 52Page - Texas Instruments AM6526ACD Datasheet HTML 53Page - Texas Instruments AM6526ACD Datasheet HTML 54Page - Texas Instruments AM6526ACD Datasheet HTML 55Page - Texas Instruments AM6526ACD Datasheet HTML 56Page - Texas Instruments AM6526ACD Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AD9
USB0_DRVVBUS
USB0_DRVVBUS
0
O
PD
0
1.8 V/3.3 V VDDSHV8
Yes
LVCMOS
PU/PD
0/0
Yes
GPIO1_71
7
IO
0
AF7
USB0_ID
USB0_ID
A
3.3 V
VDDA_3P3_U
SB
USBHS
No
AE7
USB0_VBUS
USB0_VBUS
A
VDDA_3P3_U
SB
USBHS
No
AD2
USB1_DM
USB1_DM
IO
OFF
3.3 V
VDDA_3P3_U
SB
USBHS
No
AE1
USB1_DP
USB1_DP
IO
OFF
3.3 V
VDDA_3P3_U
SB
USBHS
No
AC8
USB1_DRVVBUS
USB1_DRVVBUS
0
O
PD
0
1.8 V/3.3 V VDDSHV8
Yes
LVCMOS
PU/PD
0/0
Yes
GPIO1_72
7
IO
0
AF5
USB1_ID
USB1_ID
A
3.3 V
VDDA_3P3_U
SB
USBHS
No
AF6
USB1_VBUS
USB1_VBUS
A
VDDA_3P3_U
SB
USBHS
No
AB6
VDDA_1P8_MON_WKUP
VDDA_1P8_MON0
A
1.8 V
Power
No
G17
VDDA_1P8_SDIO
VDDA_1P8_SDIO
PWR
L20, M21
VDDA_1P8_CSI0
VDDA_1P8_CSI0
PWR
AC6
VDDA_1P8_MON0
VDDA_1P8_MON0
A
1.8 V
Power
No
L22
VDDA_1P8_OLDI0
VDDA_1P8_OLDI0
PWR
AA14, AB13,
AB15
VDDA_1P8_SERDES0
VDDA_1P8_SERDES0
PWR
AB9
VDDA_3P3_IOLDO_WKUP
VDDA_3P3_IOLDO_WKUP
PWR
U6
VDDA_3P3_MON_WKUP
VDDA_3P3_MON0
A
3.3 V
Power
No
H17
VDDA_3P3_SDIO
VDDA_3P3_SDIO
PWR
AC12
VDDA_3P3_USB
VDDA_3P3_USB
PWR
G18
VDDA_3P3_IOLDO0
VDDA_3P3_IOLDO0
PWR
AA21
VDDA_3P3_IOLDO1
VDDA_3P3_IOLDO1
PWR
AC10
VDDA_3P3_MON0
VDDA_3P3_MON0
A
3.3 V
Power
No
M7, M9
VDDA_ADC_MCU
VDDA_ADC_MCU
PWR
AB8
VDDA_LDO_WKUP
VDDA_LDO_WKUP
PWR
U12
VDDA_MCU
VDDA_MCU
PWR
H15
VDDA_PLL0_DDR
VDDA_PLL0_DDR
PWR
H11
VDDA_PLL1_DDR
VDDA_PLL1_DDR
PWR
Y17
VDDA_PLL_CORE
VDDA_PLL_CORE
PWR
L21
VDDA_PLL_DSS
VDDA_PLL_DSS
PWR
L12
VDDA_PLL_MPU0
VDDA_PLL_MPU0
PWR
K15
VDDA_PLL_MPU1
VDDA_PLL_MPU1
PWR
AB7
VDDA_PLL_PER0
VDDA_PLL_PER0
PWR
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com