Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 122 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 118Page - Texas Instruments AM6526ACD Datasheet HTML 119Page - Texas Instruments AM6526ACD Datasheet HTML 120Page - Texas Instruments AM6526ACD Datasheet HTML 121Page - Texas Instruments AM6526ACD Datasheet HTML 122Page - Texas Instruments AM6526ACD Datasheet HTML 123Page - Texas Instruments AM6526ACD Datasheet HTML 124Page - Texas Instruments AM6526ACD Datasheet HTML 125Page - Texas Instruments AM6526ACD Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 284 page
background image
Table 6-77. Unused Balls Specific Connection Requirements (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
F17
RESETz
Each of these balls must be connected to the corresponding power
supply through a separate external pull resistor to ensure these balls
are held to a valid logic high level if unused.
(1)
W4
MCU_RESETz
W5
MCU_PORz
E19
PORz
AA4
TCK
A21
TMS
AC7
WKUP_I2C0_SCL
AD6
WKUP_I2C0_SDA
AD7
MCU_I2C0_SDA
AD8
MCU_I2C0_SCL
F18
NMIn
C20
TDI
A20
TDO
AA1
EMU1
AA2
EMU0
F21
VPP_CORE
This ball must be left unconnected if unused.
T6
VPP_MCU
AG5
SERDES0_REFCLKN
AG6
SERDES0_REFCLKP
AC9
SERDES0_REFRES
AH3
SERDES0_RXN
AG2
SERDES0_RXP
AH4
SERDES0_TXN
AG3
SERDES0_TXP
AH6
SERDES1_REFCLKN
AH7
SERDES1_REFCLKP
AC14
SERDES1_REFRES
AG9
SERDES1_RXN
AH10
SERDES1_RXP
AH9
SERDES1_TXN
AG8
SERDES1_TXP
(1)
To determine which power supply is associated with any IO refer to Table 6-1, Pin Attributes.
Table 6-78. Reserved Balls Specific Connection Requirements
BALLS
CONNECTION REQUIREMENTS
AA6 (RSV2), B1 (RSV3), AC23 (RSV4), C12 (RSV5), F9 (RSV6),
F10 (RSV7), AD10 (RSV8), AC13 (RSV9), B28 (RSV10), A27
(RSV11), D23 (RSV12), E23 (RSV13), W6 (TEMP_DIODE_P),
F16 (DDR_FS_RESETn), D24 (MMC0_CALPAD), F23
(MMC1_CALPAD)
These balls must be left unconnected.
V4 (RSV1)
These balls must be connected to VSS through a separate external
pull resistor to ensure these balls are held to a valid logic low level.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
122
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com