Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 146 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 142Page - Texas Instruments AM6526ACD Datasheet HTML 143Page - Texas Instruments AM6526ACD Datasheet HTML 144Page - Texas Instruments AM6526ACD Datasheet HTML 145Page - Texas Instruments AM6526ACD Datasheet HTML 146Page - Texas Instruments AM6526ACD Datasheet HTML 147Page - Texas Instruments AM6526ACD Datasheet HTML 148Page - Texas Instruments AM6526ACD Datasheet HTML 149Page - Texas Instruments AM6526ACD Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 284 page
background image
7.9.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Table 7-6. System Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
30
pF
7.9.3.1 Reset Electrical Data/Timing
Table 7-7, Table 7-8, Figure 7-6, Figure 7-7, and Figure 7-8 present the reset timing requirements and switching
characteristics.
Table 7-7. Reset Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PORz Pin
RST1
tw(PORzL)
Pulse Width minimum, PORz low
2000
ns
RST2
th(SUPPLIES VALID - PORz)
Hold time, PORz active (low) after all supplies valid
2000000
ns
RESETz Pin
RST5
tw(RESETzL)
Pulse Width minimum, RESETz low
400
ns
MCU_PORz Pin
RST13
tw(MCU_PORzL)
Pulse Width minimum, MCU_PORz
2000
ns
RST8
th(SUPPLIES VALID -
MCU_PORz)
Hold time, MCU_PORz active (low) after all supplies valid
2000000
ns
MCU_RESETz Pin
RST9
tw(MCU_RESETzL)
Pulse Width minimum, MCU_RESETz
400
ns
MCU_BYP_POR Pin
RST12
tsu(MCU_BYP_POR-MCU_PORz) Setup time, MCU_BYP_POR active (high) before all supplies are
valid
1000000
ns
Table 7-8. Reset Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PORz Pin
RST3
td(PORz-PORz_OUT low)
Delay time, PORz active (low) to PORz_OUT active (low)
0
ns
RST4
td(PORz-PORz_OUT high)
Delay time, PORz inactive (high) to PORz_OUT inactive (high)
0
ns
RESETz Pin
RST6
td(RESETz-RESETSTATz low)
Delay time, RESETz active (low) to RESETSTATz active (low)
4106
ns
RST7
td(RESETz-RESETSTATz high)
Delay time, RESETz inactive (high) to RESETSTATz inactive
(high)
380000
ns
MCU_RESETSTATz Pin
RST10
td(MCU_RESETz-
MCU_RESETSTATz low)
Delay time, MCU_RESETz active (low) to MCU_RESETSTATz
active (low)
4106
ns
RST11
td(MCU_RESETz-
MCU_RESETSTATz high)
Delay time, MCU_RESETz inactive (high) to MCU_RESETSTATz
inactive (high)
289000
ns
MCU_PORz Pin
RST14
td(MCU_PORz-MCU_PORz_OUT
low)
Delay time, MCU_PORz active (low) to MCU_PORz_OUT active
(low)
0
ns
RST15
td(MCU_PORz-MCU_PORz_OUT
high)
Delay time, MCU_PORz inactive (high) to MCU_PORz_OUT
inactive (high)
0
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
146
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com