Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 156 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 152Page - Texas Instruments AM6526ACD Datasheet HTML 153Page - Texas Instruments AM6526ACD Datasheet HTML 154Page - Texas Instruments AM6526ACD Datasheet HTML 155Page - Texas Instruments AM6526ACD Datasheet HTML 156Page - Texas Instruments AM6526ACD Datasheet HTML 157Page - Texas Instruments AM6526ACD Datasheet HTML 158Page - Texas Instruments AM6526ACD Datasheet HTML 159Page - Texas Instruments AM6526ACD Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 284 page
background image
Table 7-17. WKUP_OSC0 Input Clock Timing Requirements (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK1
tw(WKUP_OSC0_XI)
Pulse duration, WKUP_OSC0_XI low or high
0.45 ×
tc(WKUP_OSC0_XI)
0.55 ×
tc(WKUP_OSC0_XI)
ns
tj(WKUP_OSC0_XI)
Period jitter, WKUP_OSC0_XI
0.01 ×
tc(WKUP_OSC0_XI)
ns
tR(WKUP_OSC0_XI)
Rise time, WKUP_OSC0_XI
5
ns
tF(WKUP_OSC0_XI)
Fall time, WKUP_OSC0_XI
5
ns
tj(WKUP_OSC0_XI)
Frequency accuracy,
WKUP_OSC0_XI
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
WKUP_OSC0_XI
CK0
CK1
CK1
Figure 7-18. WKUP_OSC0_XI Input Clock
7.9.4.1.3 Auxiliary OSC1 Internal Oscillator Clock Source
Figure 7-19 shows the recommended crystal circuit. It is recommended that preproduction printed-circuit board
(PCB) designs include the two optional resistors Rbias and Rd in case they are required for proper oscillator
operation when combined with production crystal circuit components. In most cases, Rbias is not required and
Rd is a 0-Ω resistor. These resistors may be removed from production PCB designs after evaluating oscillator
performance with production crystal circuit components installed on preproduction PCBs.
Device
OSC1_XO
OSC1_XI
C
f1
Crystal
Rd
C
f2
(Optional)
SPRSP08_PCB_CLK_OSC_1
Rbias
(Optional)
PCB Ground
Figure 7-19. OSC1 Crystal Implementation
Note
The load capacitors, Cf1 and Cf2 in Figure 7-20, should be chosen such that the below equation is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components
used to implement the oscillator circuit should be placed as close as possible to the associated
oscillator OSC1_XI, OSC1_XO, and VSS pins.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
156
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com