Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 177 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 177 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 173Page - Texas Instruments AM6526ACD Datasheet HTML 174Page - Texas Instruments AM6526ACD Datasheet HTML 175Page - Texas Instruments AM6526ACD Datasheet HTML 176Page - Texas Instruments AM6526ACD Datasheet HTML 177Page - Texas Instruments AM6526ACD Datasheet HTML 178Page - Texas Instruments AM6526ACD Datasheet HTML 179Page - Texas Instruments AM6526ACD Datasheet HTML 180Page - Texas Instruments AM6526ACD Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 284 page
background image
Table 7-37. eQEP Timing Conditionns
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
7
pF
Section 7.9.5.8.1 and Section 7.9.5.8.2 present Timing Requirements and Switching Characteristics for eQEP
(see Figure 7-47).
7.9.5.8.1 eQEP Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP1
tw(QEP)
Pulse duration, QEP_A/B
3 + 2P
(1)
ns
QEP2
tw(QEPIH)
Pulse duration, QEP_I high
3 + 2P
(1)
ns
QEP3
tw(QEPIL)
Pulse duration, QEP_I low
3 + 2P
(1)
ns
QEP4
tw(QEPSH)
Pulse duration, QEP_S high
3 + 2P
(1)
ns
QEP5
tw(QEPSL)
Pulse duration, QEP_S low
3 + 2P
(1)
ns
(1)
P = sysclk period in ns.
QEP_S
QEP4
EPERIPHERALS_TIMNG_03
QEP_I
QEP2
QEP_A/B
QEP1
QEP3
QEP5
Figure 7-47. eQEP Timing Requirements
7.9.5.8.2 eQEP Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP6
td(QEP-CNTR)
Delay time, external clock to counter increment
24
ns
For more information, see section Enhanced Quadrature Encoder Pulse (EQEP) Module in the device TRM.
7.9.5.9 GPIO
The device has three instances of GPIO144 modules. The GPIO pins are grouped into banks (16 pins per
bank), which means that each GPIO module provides up to 144 dedicated general-purpose pins with input and
output capabilities; thus, the general-purpose interface supports up to 432 (3 instances × (9 banks × 16 pins))
pins. Since WKUP_GPIO0_[56:143], GPIO0_[96:143], and GPIO1_[90:143] are reserved in this Device, general
purpose interface supports up to 242 pins.
For more details about features and additional description information on the device General-Purpose Interface,
see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
177
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com