Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 205 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 205 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 201Page - Texas Instruments AM6526ACD Datasheet HTML 202Page - Texas Instruments AM6526ACD Datasheet HTML 203Page - Texas Instruments AM6526ACD Datasheet HTML 204Page - Texas Instruments AM6526ACD Datasheet HTML 205Page - Texas Instruments AM6526ACD Datasheet HTML 206Page - Texas Instruments AM6526ACD Datasheet HTML 207Page - Texas Instruments AM6526ACD Datasheet HTML 208Page - Texas Instruments AM6526ACD Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 284 page
background image
Table 7-45 and Figure 7-67 present switching characteristics over recommended operating conditions for
MCASP0 to MCASP2.
Table 7-45. MCASP Switching Characteristics
NO.
PARAMETER
DESCRIPTION(1)
Mode
MIN
MAX
UNIT
ASP9 tc(AHCLKRX)
Cycle time, AHCLKR/X
20
ns
ASP10 tw(AHCLKRX)
Pulse duration, AHCLKR/X high or low
0.5P - 2.5
(2)
ns
ASP11 tc(ACLKRX)
Cycle time, ACLKR/X
20
ns
ASP12 tw(ACLKRX)
Pulse duration, ACLKR/X high or low
0.5R - 2.5
(3)
ns
ASP13 td(ACLKRX-AFSRX) Delay time, ACLKR/X transmit edge to AFSR/X
output valid
ACLKR/X int
0
6.5
ns
ACLKR/X ext in/out
2
14
ASP14 td(ACLKX-AXR)
Delay time, ACLKX transmit edge to AXR output valid ACLKR/X int
0
6.5
ns
ACLKR/X ext in/out
2
14
ASP15 tdis(ACLKX-AXR)
Disable time, ACLKX transmit edge to AXR output
high impedance
ACLKR/X int
- 0.2
6.61
ns
ACLKR/X ext in/out
1.71 15.383
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = AHCLKR/X period in ns.
(3)
R = ACLKR/X period in ns.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
205
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com