Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 215 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 211Page - Texas Instruments AM6526ACD Datasheet HTML 212Page - Texas Instruments AM6526ACD Datasheet HTML 213Page - Texas Instruments AM6526ACD Datasheet HTML 214Page - Texas Instruments AM6526ACD Datasheet HTML 215Page - Texas Instruments AM6526ACD Datasheet HTML 216Page - Texas Instruments AM6526ACD Datasheet HTML 217Page - Texas Instruments AM6526ACD Datasheet HTML 218Page - Texas Instruments AM6526ACD Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 284 page
background image
Table 7-52. MMC DLL Delay Mapping for All Timing Modes (continued)
REGISTER NAME
MMCSDn_SS_PHY_CTRL_4_REG
MMCSDn_SS_PHY_CTRL_5_REG
BIT FIELD
[27:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[9:8]]
[2:0]
BIT FIELD NAME
STRBSE
L
OTAPDLYEN
A
OTAPDLYSE
L
ITAPDLYEN
A
ITAPDLYS
EL
SELDLYTXCL
K
SELDLYRXCL
K
SEL100
SEL50
CLKBUFS
EL
MODE
DESCRIPTIO
N
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL
DELAY CHAIN
SELECT
DLL REF
FREQUEN
CY
DELAY
BUFFER
DURATIO
N
SDR104
4- or 8-bit PHY
operating 1.8
V,
SD/SDIO 200
MHz
0x0
0x1
0x7
0x1
Tuning
0x0
0x0
0x7
HS200
4- or 8-bit PHY
operating 1.8
V,
JEDEC 200
MHz
0x0
0x1
0x5
0x1
Tuning
0x0
0x0
0x7
For more information, see section Multimedia Card/Secure Digital (eMMC/SD/SDIO) Interface in the device
TRM.
7.9.5.16.1.1 Default Speed, 3.3V Legacy SDR Mode
Table 7-53 and Table 7-54 present Timing requirements and Switching characteristics for MMCi - Default Speed,
3.3V Legacy SDR in receiver and transmitter mode (see Figure 7-72 and Figure 7-73)
Table 7-53. Timing Requirements for MMCi - Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DSSD5
tsu(cmdV-clkH)
Setup time, MMCi_CMD valid before MMCi_CLK rising clock edge
2.15
ns
DSSD6
th(clkH-cmdV)
Hold time, MMCi_CMD valid after MMCi_CLK rising clock edge
19.67
ns
DSSD7
tsu(dV-clkH)
Setup time, MMCi_DAT[j:0] valid before MMCi_CLK rising clock edge
2.15
ns
DSSD8
th(clkH-dV)
Hold time, MMCi_DAT[j:0] valid after MMCi_CLK rising clock edge
19.67
ns
Table 7-54. Switching Characteristics for MMCi - Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DSSD0
fop(clk)
Operating frequency, MMCi_CLK
25
MHz
DSSD1
tw(clkH)
Pulse duration, MMCi_CLK high
18.7
ns
DSSD2
tw(clkL)
Pulse duration, MMCi_CLK low
18.7
ns
DSSD3
td(clkL-cmdV)
Delay time, MMCi_CLK falling clock edge to MMCi_CMD transition
-14.1
14.1
ns
DSSD4
td(clkL-dV)
Delay time, MMCi_CLK falling clock edge to MMCi_DAT[j:0]
transition
-14.1
14.1
ns
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
215
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com