Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 264 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 264 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 260Page - Texas Instruments AM6526ACD Datasheet HTML 261Page - Texas Instruments AM6526ACD Datasheet HTML 262Page - Texas Instruments AM6526ACD Datasheet HTML 263Page - Texas Instruments AM6526ACD Datasheet HTML 264Page - Texas Instruments AM6526ACD Datasheet HTML 265Page - Texas Instruments AM6526ACD Datasheet HTML 266Page - Texas Instruments AM6526ACD Datasheet HTML 267Page - Texas Instruments AM6526ACD Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 284 page
background image
A
B
MCU_OSPI[x]_CLK
R1
OSPI/QSPI/SPI
device clock input
0
*
Ω
OSPI_Board_03
C
D
MCU_OSPI[x]_DQS
OSPI device DQS
*0 Ω resistor (R1), located as close as possible to the MCU_OSPI[x]_CLK pin, is placeholder for fine tuning, if needed
Figure 9-3. OSPI Interface High Level Schematic
9.2.3 USB Design Guidelines
The USB 3.1 specification allows the VBUS voltage to be as high as 5.5 V for normal operation, and as high as
20 V when the Power Delivery addendum is supported. Some automotive applications require a max voltage to
be 30 V.
The AM65xx device requires the VBUS signal voltage be scaled down using an external resistor divider (as
shown in the Figure 9-4), which limits the voltage applied to the actual device pin (USB0_VBUS, USB1_VBUS).
The tolerance of these external resistors should be equal to or less than 1%, and the leakage current of zener
diode at 5 V should be less than 100 nA.
(1)
Device
USBn_VBUS
SPRSP08_USB_VBUS_01
VSS
VSS
76.8 k
1%
Ω
±
23.2 k
1%
Ω
±
16 k
1%
Ω
±
VBUS signal
(BZX84C6V8 or equivalent)
6.8V
Figure 9-4. USB VBUS Detect Voltage Divider / Clamp Circuit
The USB0_VBUS and USB1_VBUS pins may be considered to be fail-safe because the external circuit in Figure
9-4 limits the input current to the actual device pin in a case where VBUS is applied while the device is powered
off.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
264
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com