Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 52 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM652X Datasheet HTML 48Page - Texas Instruments AM652X Datasheet HTML 49Page - Texas Instruments AM652X Datasheet HTML 50Page - Texas Instruments AM652X Datasheet HTML 51Page - Texas Instruments AM652X Datasheet HTML 52Page - Texas Instruments AM652X Datasheet HTML 53Page - Texas Instruments AM652X Datasheet HTML 54Page - Texas Instruments AM652X Datasheet HTML 55Page - Texas Instruments AM652X Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AE12
SPI1_D0
SPI1_D0
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG2_IEP0_EDC_LATCH_IN1
3
I
0
PRG2_UART0_RXD
4
I
1
GPIO1_23
7
IO
0
AF12
SPI1_D1
SPI1_D1
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG2_IEP0_EDC_SYNC_OUT1
3
O
PRG2_UART0_TXD
4
O
GPIO1_24
7
IO
0
AA4
TCK
TCK
0
I
PU
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1/1
Yes
C20
TDI
TDI
0
I
PU
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
1/1
Yes
A20
TDO
TDO
0
OZ
PU
0
1.8 V/3.3 V VDDSHV0
LVCMOS
PU/PD
0/0
Yes
W6
TEMP_DIODE_P
TEMP_DIODE_P
A
1.8 V
Power
No
B22
TIMER_IO0
TIMER_IO0
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
Yes
SYSCLKOUT0
2
O
GPIO1_88
7
IO
0
C23
TIMER_IO1
TIMER_IO1
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
Yes
OBSCLK0
2
O
GPIO1_89
7
IO
0
A21
TMS
TMS
0
I
PU
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
1/1
Yes
AA3
TRSTn
TRSTn
0
I
PD
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1/1
Yes
AG11
UART0_CTSn
UART0_CTSn
0
I
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
1
0/1
Yes
TIMER_IO4
1
IO
0
SPI0_CS2
2
IO
1
GPIO1_27
7
IO
0
AD11
UART0_RTSn
UART0_RTSn
0
O
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
Yes
TIMER_IO5
1
IO
0
SPI0_CS3
2
IO
1
GPIO1_28
7
IO
0
AF11
UART0_RXD
UART0_RXD
0
I
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
1
0/1
Yes
GPIO1_25
7
IO
0
AE11
UART0_TXD
UART0_TXD
0
O
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
Yes
GPIO1_26
7
IO
0
AE2
USB0_DM
USB0_DM
IO
OFF
3.3 V
VDDA_3P3_U
SB
USBHS
No
AF1
USB0_DP
USB0_DP
IO
OFF
3.3 V
VDDA_3P3_U
SB
USBHS
No
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com