Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 85 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM652X Datasheet HTML 81Page - Texas Instruments AM652X Datasheet HTML 82Page - Texas Instruments AM652X Datasheet HTML 83Page - Texas Instruments AM652X Datasheet HTML 84Page - Texas Instruments AM652X Datasheet HTML 85Page - Texas Instruments AM652X Datasheet HTML 86Page - Texas Instruments AM652X Datasheet HTML 87Page - Texas Instruments AM652X Datasheet HTML 88Page - Texas Instruments AM652X Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 284 page
background image
Table 6-47. MMCSD1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC1_DAT0(1) (2)
MMC/SD Data
IO
D28
MMC1_DAT1(1) (2)
MMC/SD Data
IO
E27
MMC1_DAT2(1) (2)
MMC/SD Data
IO
D26
MMC1_DAT3(1) (2)
MMC/SD Data
IO
D27
(1)
When MMCSD0 or MMCSD1 is used, any non-MMC signal function multiplexed with the respective pins are not available. This is
due to the MMC having an internal IO multiplexer which is controlled by MMCSD0/1_SS_PHY_CTRL_1_REG[31] IOMUX_ENABLE.
This internal IO multiplexer is primary for the signal functions associated with MMCSD pins, and the PADCONFIG’s MUXMODE is
secondary. Additionally, the internal IO multiplexer affects all of the MMCSD0 or MMCSD1 pins, regardless of configured data bus
width. Therefore, when MMCSD0/1_SS_PHY_CTRL_1_REG[31] IOMUX_ENABLE = 0, the respective MMCSD pins are configured for
eMMC/SD functionality, regardless of the PADCONFIG [MUXMODE] setting.
(2)
Each of these signals should have an external 50kΩ pull-up resistor connected to the corresponding power supply.
6.3.18 CPTS
Note
Some CPTS signals are connected directly to CPTS modules within the device. Other CPTS signals
are connected to the Time Sync Router and fanned out to peripherals linked to the router. Input
signals are sent to the peripherals while output signals are sourced from the peripherals. For more
information, see the Time Sync and Compare Events section in the Time Sync chapter in the device
TRM.
6.3.18.1 MCU Domain
Table 6-48. CPTS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_CPTS0_RFT_CLK
CPTS Reference Clock
I
AB3
MCU_CPTS0_TS_COMP
CPTS Time Stamp Counter Compare from
MCU_CPSW0_CPTS0
O
AB4
MCU_CPTS0_TS_SYNC
CPTS Time Stamp Counter Bit from
MCU_CPSW0_CPTS0
O
AC5
MCU_CPTS0_HW1TSPUSH
CPTS Hardware Time Stamp Push 1 input to Time Sync
Router and MCU_CPSW0_CPTS0
I
AC2
MCU_CPTS0_HW2TSPUSH
CPTS Hardware Time Stamp Push 2 input to Time Sync
Router and MCU_CPSW0_CPTS0
I
AC1
6.3.18.2 MAIN Domain
Table 6-49. CPTS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CPTS0_RFT_CLK
CPTS Reference Clock
I
D21
CPTS0_TS_COMP
CPTS Time Stamp Counter Compare from
NAVSS0_CPTS0
O
AF13
CPTS0_TS_SYNC
CPTS Time Stamp Counter Bit from NAVSS0_CPTS0
O
AG12
CPTS0_HW1TSPUSH
CPTS Hardware Time Stamp Push 1 input to Time Sync
Router
I
B21
CPTS0_HW2TSPUSH
CPTS Hardware Time Stamp Push 2 input to Time Sync
Router
I
E21
SYNC0_OUT
CPTS Time Stamp Generator Bit 0 from Time Sync
Router
O
D21
SYNC1_OUT
CPTS Time Stamp Generator Bit 1 from Time Sync
Router
O
A22
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com