Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 54 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM652X Datasheet HTML 50Page - Texas Instruments AM652X Datasheet HTML 51Page - Texas Instruments AM652X Datasheet HTML 52Page - Texas Instruments AM652X Datasheet HTML 53Page - Texas Instruments AM652X Datasheet HTML 54Page - Texas Instruments AM652X Datasheet HTML 55Page - Texas Instruments AM652X Datasheet HTML 56Page - Texas Instruments AM652X Datasheet HTML 57Page - Texas Instruments AM652X Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
Y9
VDDA_POR_WKUP
VDDA_POR_WKUP
PWR
M19
VDDA_SRAM_CORE0
VDDA_SRAM_CORE0
PWR
V16
VDDA_SRAM_CORE1
VDDA_SRAM_CORE1
PWR
K7
VDDA_SRAM_MPU0
VDDA_SRAM_MPU0
PWR
L18
VDDA_SRAM_MPU1
VDDA_SRAM_MPU1
PWR
AC11
VDDA_VSYS_MON
VDDA_VSYS_MON
A
0.5 V?
Power
No
AA9
VDDA_WKUP
VDDA_WKUP
PWR
G12
VDDS0
VDDS0
PWR
V8
VDDS0_WKUP
VDDS0_WKUP
PWR
AA16
VDDS1
VDDS1
PWR
T9
VDDS1_WKUP
VDDS1_WKUP
PWR
P20
VDDS2
VDDS2
PWR
N8
VDDS2_WKUP
VDDS2_WKUP
PWR
T20
VDDS3
VDDS3
PWR
Y20
VDDS4
VDDS4
PWR
AC18
VDDS5
VDDS5
PWR
F20
VDDS6
VDDS6
PWR
K20
VDDS7
VDDS7
PWR
AA10
VDDS8
VDDS8
PWR
G15, H16
VDDSHV0
VDDSHV0
PWR
U8, V7, W8, Y7
VDDSHV0_WKUP
VDDSHV0_WKUP
PWR
AA18, AB17
VDDSHV1
VDDSHV1
PWR
R6, R8, T7
VDDSHV1_WKUP
VDDSHV1_WKUP
PWR
N20, N22, P21,
R20, R22
VDDSHV2
VDDSHV2
PWR
N6, P7, P9
VDDSHV2_WKUP
VDDSHV2_WKUP
PWR
T21, U20, U22,
V21, V23
VDDSHV3
VDDSHV3
PWR
AA22, W20, W22,
Y21, Y23
VDDSHV4
VDDSHV4
PWR
AA20, AB19,
AB21, AB23
VDDSHV5
VDDSHV5
PWR
G20, H19, H21
VDDSHV6
VDDSHV6
PWR
J20, J22, K21
VDDSHV7
VDDSHV7
PWR
AB11
VDDSHV8
VDDSHV8
PWR
G10, G14, G8,
H13, H7, H9
VDDS_DDR
VDDS_DDR
PWR
J16
VDDS_OSC1
VDDS_OSC1
PWR
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
54
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com