Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 29 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM652X Datasheet HTML 25Page - Texas Instruments AM652X Datasheet HTML 26Page - Texas Instruments AM652X Datasheet HTML 27Page - Texas Instruments AM652X Datasheet HTML 28Page - Texas Instruments AM652X Datasheet HTML 29Page - Texas Instruments AM652X Datasheet HTML 30Page - Texas Instruments AM652X Datasheet HTML 31Page - Texas Instruments AM652X Datasheet HTML 32Page - Texas Instruments AM652X Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
D27
MMC1_DAT3
MMC1_DAT3
0
IO
PU
7
1.8 V/3.3 V VDDSHV7
LVCMOS
PU/PD
1
No
GPIO1_73
7
IO
0
F18
NMIn
NMIn
0
I
PU
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
Yes
PRG2_PWM1_TZ_IN
6
I
0
L25
OLDI0_CLKN
OLDI0_CLKN
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
K25
OLDI0_CLKP
OLDI0_CLKP
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
J28
OLDI0_A0N
OLDI0_A0N
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
K28
OLDI0_A0P
OLDI0_A0P
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
L27
OLDI0_A1N
OLDI0_A1N
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
K27
OLDI0_A1P
OLDI0_A1P
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
K24
OLDI0_A2N
OLDI0_A2N
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
J24
OLDI0_A2P
OLDI0_A2P
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
J26
OLDI0_A3N
OLDI0_A3N
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
K26
OLDI0_A3P
OLDI0_A3P
IO
OFF
1.8 V
VDDA_1P8_O
LDI0
OLDI_LVD
S
No
C22
OSC1_XI
OSC1_XI
I
OFF
1.8 V
VDDS_OSC1
Analog
No
E22
OSC1_XO
OSC1_XO
O
OFF
1.8 V
VDDS_OSC1
Analog
No
Y5
PMIC_POWER_EN0
PMIC_POWER_EN0
0
O
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0/0
No
AA5
PMIC_POWER_EN1
PMIC_POWER_EN1
0
O
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0/0
No
E19
PORz
PORz
0
I
OFF
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
Yes
C19
PORz_OUT
PORz_OUT
0
O
OFF
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/0
Yes
AE28
PRG0_MDIO0_MDC
PRG0_MDIO0_MDC
0
O
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0/1
Yes
PRG2_PWM1_B2
3
IO
1
MCASP2_AXR3
5
IO
0
GPIO1_70
7
IO
0
AE26
PRG0_MDIO0_MDIO
PRG0_MDIO0_MDIO
0
IO
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG2_PWM1_A2
3
IO
0
MCASP2_AXR2
5
IO
0
GPIO1_69
7
IO
0
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com