Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 8 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM652X Datasheet HTML 4Page - Texas Instruments AM652X Datasheet HTML 5Page - Texas Instruments AM652X Datasheet HTML 6Page - Texas Instruments AM652X Datasheet HTML 7Page - Texas Instruments AM652X Datasheet HTML 8Page - Texas Instruments AM652X Datasheet HTML 9Page - Texas Instruments AM652X Datasheet HTML 10Page - Texas Instruments AM652X Datasheet HTML 11Page - Texas Instruments AM652X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 284 page
background image
• Updated MMCi Interface Timing Requirements, Switching Characteristics, and DLL Delay Mapping table.
Also added a Timing Conditions table. Also updated MMCSD speed support description.............................213
• (Timing Requirements for MMCi - DDR50 Mode) Added associated footnote for "j" value............................ 219
• Updated title from NAVSS to CPTS under Peripheral timing section. Added CPTS Timing Conditions table
and updated table format and descriptions of the parameters in Timing Requirements and Switching
Characteristics tables..................................................................................................................................... 221
• Added Timing Conditions table and DLL Delay Mapping table in OSPI. Updated timing requirements and
switching characteristics table limits. Renamed "No Loopback" mode to "Internal Clock" mode................... 223
• Updated min input slew rate for 3.3V DDR, Internal Pad Loopback mode to 2 V/ns. Updated input timing
limits for 3.3V DDR, DQS mode..................................................................................................................... 223
• Added note clarifying I/O timing is not applicable when OSPI is used with data training .............................. 223
• Added timing conditions and updated parameter descriptions under PRUsection. Added timnig requirements
and switching characteristics for 10 Mbps and 100 Mbps modes in RGMII mode. Updated timing limits for
SHIFT OUT, ECAP, UART modes.................................................................................................................. 230
• (PRU ICSSG Parallel Capture): Updated input hold time to 0.6 ns................................................................ 231
• (PRU ICSSG RGMII) Updated hold time for RXCTL and RD to 1.15 ns........................................................ 240
• Added Timing Conditions table in Debug Trace and removed rise/fall time parameters from Switching
Characteristics table and diagram.................................................................................................................. 246
• Added JTAG Timing Conditions table. Updated Timing Requirements and Switching Characteristics table
limits................................................................................................................................................................246
• Updated/Changed "MCU_OPSI[x]_LBCLKO" typo to "MCU_OSPI[x]_LBCLKO".......................................... 262
• (LVCMOS External Capacitor Connections): Updated/Changed the "All VDDSHV[8:0] and
VDDSHV[2:0]_WKUP supplies configured for 1.8V operation" image........................................................... 267
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com