Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 78 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM652X Datasheet HTML 74Page - Texas Instruments AM652X Datasheet HTML 75Page - Texas Instruments AM652X Datasheet HTML 76Page - Texas Instruments AM652X Datasheet HTML 77Page - Texas Instruments AM652X Datasheet HTML 78Page - Texas Instruments AM652X Datasheet HTML 79Page - Texas Instruments AM652X Datasheet HTML 80Page - Texas Instruments AM652X Datasheet HTML 81Page - Texas Instruments AM652X Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 284 page
background image
Table 6-27. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPMC0_A11
GPMC address 11 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AC16
GPMC0_A12
GPMC address 12 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AH15
GPMC0_A13
GPMC address 13 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AD16
GPMC0_A14
GPMC address 14 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AE16
GPMC0_A15
GPMC address 15 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AF16
GPMC0_A16
GPMC address 16 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AG16
GPMC0_A17
GPMC address 17 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AH16
GPMC0_A18
GPMC address 18 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AC19
GPMC0_A19
GPMC address 19 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AE17
GPMC0_A20
GPMC address 20 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AF17
GPMC0_A21
GPMC address 21 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AG17
GPMC0_A22
GPMC address 22 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AG18
GPMC0_A23
GPMC address 23 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AH17
GPMC0_A24
GPMC address 24 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AE18
GPMC0_A25
GPMC address 25 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
AF18
GPMC0_A26
GPMC address 26 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
OZ
T27
GPMC0_A27
GPMC address 27 in A/D non-multiplexed mode and
Address 27 in A/D multiplexed mode
OZ
R25
GPMC0_AD0
GPMC Data 0 Input/Output in A/D non-multiplexed mode
and additionally Address 1 Output in A/D multiplexed
mode
IO
M27
GPMC0_AD1
GPMC Data 1 Input/Output in A/D non-multiplexed mode
and additionally Address 2 Output in A/D multiplexed
mode
IO
M23
GPMC0_AD2
GPMC Data 2 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
IO
M28
GPMC0_AD3
GPMC Data 3 Input/Output in A/D non-multiplexed mode
and additionally Address 4 Output in A/D multiplexed
mode
IO
M24
GPMC0_AD4
GPMC Data 4 Input/Output in A/D non-multiplexed mode
and additionally Address 5 Output in A/D multiplexed
mode
IO
N24
GPMC0_AD5
GPMC Data 5 Input/Output in A/D non-multiplexed mode
and additionally Address 6 Output in A/D multiplexed
mode
IO
N27
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com