Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 132 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM652X Datasheet HTML 128Page - Texas Instruments AM652X Datasheet HTML 129Page - Texas Instruments AM652X Datasheet HTML 130Page - Texas Instruments AM652X Datasheet HTML 131Page - Texas Instruments AM652X Datasheet HTML 132Page - Texas Instruments AM652X Datasheet HTML 133Page - Texas Instruments AM652X Datasheet HTML 134Page - Texas Instruments AM652X Datasheet HTML 135Page - Texas Instruments AM652X Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 284 page
background image
7.6 Electrical Characteristics
Note
The interfaces or signals described in Section 7.6.1 through Section 7.6.5.1 correspond to the
interfaces or signals available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
7.6.1 I2C OPEN DRAIN DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: WKUP_I2C0_SCL / WKUP_I2C0_SDA / MCU_I2C0_SCL / MCU_I2C0_SDA
BALL NUMBERS: AC7 /AD6 / AD7 / AD8
I2C STANDARD MODE / FAST MODE - VDDSHV0_WKUP = 1.8 V
VIH
High-level input threshold
0.7 ×
VDDSHV0_WKUP
V
VIL
Low-level input threshold
0.3 ×
VDDSHV0_WKUP
V
VIHSS
Input high-level Steady State(1)
0.70 ×
VDDSHV0_WKUP
V
VILSS
Input low-level Steady State(2)
0.30 ×
VDDSHV0_WKUP
V
VHYS
Hysteresis
0.1 ×
VDDSHV0_WKUP
V
IIN
Input leakage current. This value represents the
maximum current flowing in or out of the pin while the
output driver is disabled and the input is swept from VSS
to VDD.
12
µA
IOZ
Total leakage current through the driver/receiver
combination, which may include an internal pull-up or pull-
down. This value represents the maximum current flowing
in or out of the pin while the output driver is disabled, the
pull-up or pull-down is inhibited, and the input is swept
from VSS to VDD.
12
µA
VOL
Low-level output voltage at 3-mA sink current
0.2 ×
VDDSHV0_WKUP
V
I2C STANDARD MODE / FAST MODE - VDDSHV0_WKUP = 3.3 V
VIH
High-level input voltage
0.7 ×
VDDSHV0_WKUP
V
VIL
Low-level input voltage
0.3 ×
VDDSHV0_WKUP
V
VIHSS
Input high-level Steady State(1)
0.70 ×
VDDSHV0_WKUP
V
VILSS
Input low-level Steady State(2)
0.21 ×
VDDSHV0_WKUP
V
VHYS
Hysteresis
0.05 ×
VDDSHV0_WKUP
V
IIN
Input leakage current. This value represents the
maximum current flowing in or out of the pin while the
output driver is disabled and the input is swept from VSS
to VDD.
80
µA
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
132
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com