Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 163 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM652X Datasheet HTML 159Page - Texas Instruments AM652X Datasheet HTML 160Page - Texas Instruments AM652X Datasheet HTML 161Page - Texas Instruments AM652X Datasheet HTML 162Page - Texas Instruments AM652X Datasheet HTML 163Page - Texas Instruments AM652X Datasheet HTML 164Page - Texas Instruments AM652X Datasheet HTML 165Page - Texas Instruments AM652X Datasheet HTML 166Page - Texas Instruments AM652X Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 284 page
background image
7.9.4.3 PLLs
Power is supplied to the PLL by internal regulators that derive power from the off-chip power-supply.
There are total nine Phase Locked Loops (PLLs) in the device:
• MCU_PLL0 (MCU PLL) with WKUP_PLL_CTRL0: The MCU PLL — which is used to drive the switch fabrics,
accelerators, and a majority of the peripheral clocks — requires a PLL controller to manage the various clock
divisions, gating, and synchronization in WKUP domain and MCU domain.
• MCU_PLL1 (CPSW PLL): The MCU_PLL1, which is used to drive the CPSW.
• PLL0 (MAIN PLL) with PLL_CTRL0: The Main PLL — which is used to drive the switch fabrics, accelerators,
and a majority of the peripheral clocks — requires a PLL controller to manage the various clock divisions,
gating, and synchronization in MAIN domain.
• PLL1 (PER0 PLL): The PER0 PLL, which is used to drive the Peripherals in MAIN Domain.
• PLL2 (PER1 PLL): The PER1 PLL, which is used to drive the PRU_ICSSG.
• PLL3 (DDR PLL): The DDR PLL is used to drive the DDR PHY for the DDRSS.
• PLL4 (DSS PLL): The DSS PLL, which is used to drive the Display Subsystem.
• PLL6 (ARM0 PLL): The ARM0 PLL, which is used to drive the ARM0.
• PLL7 (ARM1 PLL): The ARM1 PLL, which is used to drive the ARM1.
Most of the Device is driven by the output from the main PLL except the following items:
• Arm subsystem has its own dedicated PLL.
• MCU subsystem has its own dedicated PLL.
• EMIF DDR subsystem has its own dedicated PLL to drive DDR PHY and DDRSS.
• PRU_ICSSG has clocks sourced from several PLLs:
– PER0 PLL to generate UART clock,
– PER1 PLL to generate Core clock,
– MAIN PLL to generate Industrial Ethernet Peripheral clock,
– CPSW PLL to generate Ethernet clocks.
• DSS has its own dedicated PLL, to generate Pixel Clock.
• PCIESS require separate reference clocks to drive SERDES PHYs.
Note
For more information, see the:
• Device Configuration, Clocking, and PLLs sections of the device TRM
• Peripherals and Display Subsystem Overview sections of the device TRM
• Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem - Gigabit
(PRU_ICSSG) section of the device TRM
Note
The input reference clock (OSC1_XI/OSC1_XO) are specified and the lock time is ensured by the PLL
controller, as documented in the Device Configuration chapter of the device TRM.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
163
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com