Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 231 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 231 Page - Texas Instruments

Back Button AM652X Datasheet HTML 227Page - Texas Instruments AM652X Datasheet HTML 228Page - Texas Instruments AM652X Datasheet HTML 229Page - Texas Instruments AM652X Datasheet HTML 230Page - Texas Instruments AM652X Datasheet HTML 231Page - Texas Instruments AM652X Datasheet HTML 232Page - Texas Instruments AM652X Datasheet HTML 233Page - Texas Instruments AM652X Datasheet HTML 234Page - Texas Instruments AM652X Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 284 page
background image
7.9.5.21.1.2 PRU_ICSSG PRU Parallel Capture Mode Electrical Data and Timing
7.9.5.21.1.2.1 PRU_ICSSG PRU Timing Requirements - Parallel Capture Mode
See Figure 7-96 and Figure 7-97
NO.
MIN
MAX
UNIT
PRPC1
tc(CLOCK)
Cycle time, CLOCKIN
20
ns
PRPC2
tw(CLOCKL)
Pulse Duration, CLOCKIN Low
10
ns
PRPC3
tw(CLOCKH)
Pulse Duration, CLOCKIN High
10
ns
PRPC4
tsu(DATAIN-CLOCK)
Setup time, DATAIN valid before CLOCKIN active edge
4
ns
PRPC5
th(CLOCK-DATAIN)
Hold time, DATAIN valid after CLOCKIN active edge
0.6
ns
CLOCKIN
DATAIN
PRPC1
PRPC3
PRPC2
PRPC4
PRPC5
SPRS91x_TIMING_PRU_03
Figure 7-96. PRU_ICSSG PRU Parallel Capture Timing – Rising Edge Mode
CLOCKIN
DATAIN
PRPC1
PRPC2
PRPC3
PRPC5
SPRS91x_TIMING_PRU_04
PRPC4
Figure 7-97. PRU_ICSSG PRU Parallel Capture Timing – Falling Edge Mode
7.9.5.21.1.3 PRU_ICSSG PRU Shift Mode Electrical Data and Timing
7.9.5.21.1.3.1 PRU_ICSSG PRU Timing Requirements - Shift In Mode
NO.
MIN
MAX
UNIT
PRSI1
tw(PRU_DATAINL)
Pulse Duration, PRU_DATAIN Low
2+2×P (1)
ns
PRSI2
tw(PRU_DATAINH)
Pulse Duration, PRU_DATAIN High
2+2×P (1)
ns
(1)
P = Internal shift in clock period, defined by PRU0_GPI_DIV0 and PRU0_GPI_DIV1 bit fields in the ICSSG_GPCFGn_REG register.
DATAIN
PRSI1
PRSI2
SPRSP08_TIMING_PRU_05
Figure 7-98. PRU_ICSSG PRU Shift In Timing
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
231
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com