Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 236 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 236 Page - Texas Instruments

Back Button AM652X Datasheet HTML 232Page - Texas Instruments AM652X Datasheet HTML 233Page - Texas Instruments AM652X Datasheet HTML 234Page - Texas Instruments AM652X Datasheet HTML 235Page - Texas Instruments AM652X Datasheet HTML 236Page - Texas Instruments AM652X Datasheet HTML 237Page - Texas Instruments AM652X Datasheet HTML 238Page - Texas Instruments AM652X Datasheet HTML 239Page - Texas Instruments AM652X Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 284 page
background image
7.9.5.21.4 PRU_ICSSG Universal Asynchronous Receiver Transmitter (PRU-ICSS UART)
7.9.5.21.4.1 PRU_ICSSG UART Electrical Data and Timing
Table 7-73 presents the PRU_ICSSG UART timing conditions.
Table 7-73. PRU_ICSSG UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.01
0.33
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30
pF
7.9.5.21.4.1.1 PRU_ICSSG UART Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRUR1H
tw(RXH)
Pulse Duration, Receive start, stop, data bit High
2+0.95*U
(1)
ns
PRUR1L
tw(RXL)
Pulse Duration, Receive start, stop, data bit Low
2+0.95*U
(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
7.9.5.21.4.1.2 PRU_ICSSG UART Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Programmable baud rate
12
MHz
PRUR3L
tw(TXH)
Pulse Duration, Transmit start, stop, data bit High
-2+U(1)
ns
PRUR3H
tw(TXL)
Pulse Duration, Transmit start, stop, data bit Low
-2+U(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
PRUR3L
Start
Bit
Data Bits
PRG _UART0_TXD
i
SPRS91x_TIMING_PRU_UART_01
PRUR3H
PRUR1L
Data Bits
Bit
Start
PRG _UART0_RXD
i
PRUR1H
(1)
(1)
(1) i in PRG _UART0_RXD and PRG _UART0_TXD = 0, 1 or 2
i
i
Figure 7-108. PRU_ICSSG UART Timing
7.9.5.21.5 PRU_ICSSG Enhanced Capture Peripheral (PRU-ICSS ECAP)
7.9.5.21.5.1 PRU_ICSSG ECAP Electrical Data and Timing
Table 7-74 presents ECAP timing conditions.
Table 7-74. PRU_ICSSG ECAP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
3
V/ns
OUTPUT CONDITIONS
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
236
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com