Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 243 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 243 Page - Texas Instruments

Back Button AM652X Datasheet HTML 239Page - Texas Instruments AM652X Datasheet HTML 240Page - Texas Instruments AM652X Datasheet HTML 241Page - Texas Instruments AM652X Datasheet HTML 242Page - Texas Instruments AM652X Datasheet HTML 243Page - Texas Instruments AM652X Datasheet HTML 244Page - Texas Instruments AM652X Datasheet HTML 245Page - Texas Instruments AM652X Datasheet HTML 246Page - Texas Instruments AM652X Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 284 page
background image
7.9.5.21.6.3.2 PRU_ICSSG MII_RT Timing Requirements – MII_RXD[3:0], MII_RX_DV, and MII_RX_ER
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PMIR4
tsu(RXD-RX_CLK)
Setup time, RXD[3:0] valid before RX_CLK
10 Mbps
8
ns
tsu(RX_DV-RX_CLK)
Setup time, RX_DV valid before RX_CLK
8
ns
tsu(RX_ER-RX_CLK)
Setup time, RX_ER valid before RX_CLK
8
ns
tsu(RXD-RX_CLK)
Setup time, RXD[3:0] valid before RX_CLK
100
Mbps
8
ns
tsu(RX_DV-RX_CLK)
Setup time, RX_DV valid before RX_CLK
8
ns
tsu(RX_ER-RX_CLK)
Setup time, RX_ER valid before RX_CLK
8
ns
PMIR5
th(RX_CLK-RXD)
Hold time, RXD[3:0] valid after RX_CLK
10 Mbps
8
ns
th(RX_CLK-RX_DV)
Hold time, RX_DV valid after RX_CLK
8
ns
th(RX_CLK-RX_ER)
Hold time, RX_ER valid after RX_CLK
8
ns
th(RX_CLK-RXD)
Hold time, RXD[3:0] valid after RX_CLK
100
Mbps
8
ns
th(RX_CLK-RX_DV)
Hold time, RX_DV valid after RX_CLK
8
ns
th(RX_CLK-RX_ER)
Hold time, RX_ER valid after RX_CLK
8
ns
MII_MRCLK (Input)
PMIR4
PMIR5
MII_RXD[3:0],
MII_RXDV,
MII_RXER (Inputs)
SPRS91x_TIMING_PRU_MII_RT_06
Figure 7-119. PRU_ICSSG MII_RXD[3:0], MII_RXDV, and MII_RXER Timing
7.9.5.21.6.3.3 PRU_ICSSG MII_RT Switching Characteristics – MII_TX_CLK
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PMIT1 tc(TX_CLK)
Cycle time, TX_CLK
10 Mbps
399.96
400.04
ns
100 Mbps
39.996
40.004
ns
PMIT2 tw(TX_CLKH)
Pulse Duration, TX_CLK High
10 Mbps
140
260
ns
100 Mbps
14
26
ns
PMIT3 tw(TX_CLKL)
Pulse Duration, TX_CLK Low
10 Mbps
140
260
ns
100 Mbps
14
26
ns
MII_TXCLK
PMIT2
PMIT3
PMIT1
PMIT4
PMIT4
SPRS91x_TIMING_PRU_MII_RT_05
Figure 7-120. PRU_ICSSG MII_TX_CLK Switching Characteristics
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
243
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com