Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 45Page - STMicroelectronics L9780TR Datasheet HTML 46Page - STMicroelectronics L9780TR Datasheet HTML 47Page - STMicroelectronics L9780TR Datasheet HTML 48Page - STMicroelectronics L9780TR Datasheet HTML 49Page - STMicroelectronics L9780TR Datasheet HTML 50Page - STMicroelectronics L9780TR Datasheet HTML 51Page - STMicroelectronics L9780TR Datasheet HTML 52Page - STMicroelectronics L9780TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
DocID026356 Rev 3
49/56
L9780
Electrical characteristics
55
7.2
AC characteristics
VCCD = VCCA = VCCCP = 4.9 V to 5.1 V, VCCI = 3.14 V to VCCD, Rbg = 12.1 kΩ ±1%,
Tamb =-40 °C to 125/150 °C. Timing is considered with respect to 20 % and 70 % of VCCA
unless otherwise specified.
Table 15. AC parameters
Parameter
Conditions
Min.
Max.
Unit
Internal oscillator
Clock frequency (FOSC)
TOSC = 1/FOSC
3.8
4.2
MHz
POR (power on reset)
POR filter time
-
10
20
μs
INRC amplifier
Bandwidth
-
200
-
kHz
Slew rate
-
1.5
-
V/μs
RCT2 amplifier
Bandwidth
-
200
-
kHz
Slew rate
-
1.5
-
V/μs
Integrator amplifier
Bandwidth
-
1
-
MHz
Slew rate
-
1.5
-
V/μs
FVOUT amplifier: S&H
Time constant
Sample mode
-
1
μs
Voltage sag
Hold mode
0
0.5
mV/μs
Synchronization delay
-
0
16
μs
Scaling amplifier: S&H
Time constant
Sample mode
-
1
μs
Voltage sag
Hold mode
0
0.5
mV/μs
VCCS
Bandwidth
-
100
-
kHz
En/disable sequence delay
Hold mode
4
TOSC
Gate drivers
HG transition time
Rise time, 5nF load
30
50
μs
Fall time
30
50
μs
Fall time, diagnostic shutoff
0
200
ns
PG transition time
Rise time, 5nF load
0
1.5
μs
Fall time
0
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com