Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 17Page - STMicroelectronics L9780TR Datasheet HTML 18Page - STMicroelectronics L9780TR Datasheet HTML 19Page - STMicroelectronics L9780TR Datasheet HTML 20Page - STMicroelectronics L9780TR Datasheet HTML 21Page - STMicroelectronics L9780TR Datasheet HTML 22Page - STMicroelectronics L9780TR Datasheet HTML 23Page - STMicroelectronics L9780TR Datasheet HTML 24Page - STMicroelectronics L9780TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DocID026356 Rev 3
21/56
L9780
Main functionalities
55
4.11
Analog to digital conversion
In the device a 10bit A/D converter is present. The analog voltages to be converted are
multiplexed by the logic while the state machine is running and are: the output of RCT2
amplifier, the output of INRC amplifier and FV pin voltage (see block diagram in Figure 2).
Between the analog inputs and the A/D converter a scaling amplifier is present; this cell is
able to amplify the input signal according to the gain selected via SPI (using bit SAMP[2..0])
with the following relation:
OUTsa = REF2 + G * (Input_voltage – REF2)
where G is the gain selectable via SPI among the following values: 1 - 1.5 - 2 - 3 - 4 - 6 - 8 –
12, and OUTsa is the output of the scaling amplifier (and the input of A/D converter). When
the selected input of the scaling amplifier is the output of the INRC or RCT2 amplifier, G is
fixed (=1), while when the input is FV voltage the gain G can be modified by the user. The
multiplexing sequence at the input of the scaling amplifier when the state machine is running
is shown in Figure 8.
The absolute conversion accuracy compared to an ideal transfer curve is ±2 counts. All the
electrical parameters regarding the scaling amplifier and the A/D conversion are specified in
Table 11.
The nominal conversion of the scaling amplifier output is defined in the following formula:
count_SA
floor OUTsa
VCCA
--------------------
1024


=
where:
count_SA is the result of the A/D conversion;
OUTsa is the output voltage of the scaling amplifier;
floor: a function that returns the greatest integer less than or equal to the argument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com