Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 24Page - STMicroelectronics L9780TR Datasheet HTML 25Page - STMicroelectronics L9780TR Datasheet HTML 26Page - STMicroelectronics L9780TR Datasheet HTML 27Page - STMicroelectronics L9780TR Datasheet HTML 28Page - STMicroelectronics L9780TR Datasheet HTML 29Page - STMicroelectronics L9780TR Datasheet HTML 30Page - STMicroelectronics L9780TR Datasheet HTML 31Page - STMicroelectronics L9780TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Diagnostic
L9780
28/56
DocID026356 Rev 3
From a design point of view, to HD pin are connected an 80 μA sink current generator
(normally on, except for particular diagnostic conditions) and a 190 μA source current
generator (normally off, except for particular diagnostic conditions); possible ranges for
generated currents are specified in Table 13.
5.4.1
Heater short to battery
When the external heater is in “on” condition, the heater drain is expected to be low (the
external heater is considered “on” when the HG voltage value is higher than a specific
threshold, defined in Table 13, typical value 4V). If the heater drain voltage value is higher
than the heater short to battery threshold (selectable via SPI using bit STBHTH, as defined
in Table 13), a possible heater short to battery condition is detected. Possible heater short to
battery condition is confirmed by the logic (and reported in the SPI output register) only if the
duration of the fault is greater than a filter time, defined as a multiple of the clock period; in
other words, when the possible heater short to battery condition is detected, a logic counter
starts and when the count reaches the value defined in Table 17 (and selectable via SPI
using bit STBHFT[1..0]) the fault condition is considered validated. This counter is reset
when the possible short to battery fault is cleared and after every power on reset.
Actions
Once the heater short to battery fault is validated (the duration of possible fault is greater
than the filter time) the following actions are taken:
1.
Latch HG off;
2.
Set STBH bit in SPI output register.
These actions remain valid until cleared by the user.
5.4.2
Heater short to ground
When the external heater is in “off” condition, the heater drain is expected to be high. If the
heater drain voltage value is lower than the heater short to ground threshold HSG (3.69 V
typical value, possible range specified in Table 13), a possible heater short to ground
condition is detected. Possible heater short to ground condition is confirmed only if the
duration of the fault is greater than a filter time, defined as a multiple of the clock period; in
other words, when the possible heater short to ground condition is detected a logic counter
starts and when the count reaches the value defined in Table 17 the fault condition is
considered validated. This counter is reset when the possible short to ground fault is cleared
and after every power on reset.
Actions
Once the heater short to ground fault is validated (the duration of possible fault is greater
than the filter time) the following actions are taken:
1.
Set the STGH bit in SPI output register;
2.
Latch HG off;
3.
Invoke a test of heater open circuit.
These actions remain valid until cleared by the user or modified after the open circuit test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com