Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 31Page - STMicroelectronics L9780TR Datasheet HTML 32Page - STMicroelectronics L9780TR Datasheet HTML 33Page - STMicroelectronics L9780TR Datasheet HTML 34Page - STMicroelectronics L9780TR Datasheet HTML 35Page - STMicroelectronics L9780TR Datasheet HTML 36Page - STMicroelectronics L9780TR Datasheet HTML 37Page - STMicroelectronics L9780TR Datasheet HTML 38Page - STMicroelectronics L9780TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
DocID026356 Rev 3
35/56
L9780
Digital interface description
55
the beginning of the new measurement cycle. COMPSEL bit value reported in the output
register is the value used in the last measurement cycle.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 0.
Bit 50: CLAMPEN
This bit enables (CLAMPEN=’1’) or disables (CLAMPEN=’0’) VCCS voltage clamp.
If the device receives an SPI command in order to modify CLAMPEN bit in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. CLAMPEN bit value reported in the output register is the value used in
the last measurement cycle.
Default state for this bit after power on reset: 0.
Bit 49: CLAMPCL
This bit selects the clamp voltage input pin as follows:
CLAMPCL=’0’ => selected pin CL1;
CLAMPCL=’1’ => selected pin CL2.
If the device receives an SPI command in order to modify CLAMPCL bit in the middle of a
measurement cycle while VCCS is disabled, it stores the new information and applies it at
the beginning of the new measurement cycle. CLAMPCL bit value reported in the output
register is the value used in the last measurement cycle.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 0
Bit 48: CLAMPSIM
This bit selects symmetric or asymmetric voltage clamp limit range as follows:
CLAMPSIM=’0’ => symmetric clamp limit range;
CLAMPSIM=’1’ => asymmetric clamp limit range.
For the meaning of symmetric/asymmetric range refer to VCCS analog description in
section 5.9.
If the device receives an SPI command in order to modify CLAMPSIM bit in the middle of a
measurement cycle while VCCS is disabled, it stores the new information and applies it at
the beginning of the new measurement cycle. CLAMPSIM bit value reported in the output
register is the value used in the last measurement cycle.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 0
Bit 47: CLEARFLT
This bit is used to clear latched faults when the origin of the fault is removed, as follows:
CLEARFLT=’0’ => no action;
CLEARFLT=’1’ => clears faults after CSN bit returns to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com