Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 19Page - STMicroelectronics L9780TR Datasheet HTML 20Page - STMicroelectronics L9780TR Datasheet HTML 21Page - STMicroelectronics L9780TR Datasheet HTML 22Page - STMicroelectronics L9780TR Datasheet HTML 23Page - STMicroelectronics L9780TR Datasheet HTML 24Page - STMicroelectronics L9780TR Datasheet HTML 25Page - STMicroelectronics L9780TR Datasheet HTML 26Page - STMicroelectronics L9780TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
DocID026356 Rev 3
23/56
L9780
Main functionalities
55
register. When the counter reaches its maximum value, the count restarts from zero. The
measurement is able to operate in free running or synchronized mode, according to SPI
selection (bit SNC); if free running mode is selected, the timing state machine is
continuously running, otherwise if synchronized mode is selected the measurement cycle
starts for each rising edge on SY pin; if multiple rising edges are detected on SY pin during
one measurement cycle, they will be ignored. For a more detailed description of the bits
involved see Section 6.3.
When the INRC amplifier is selected by the MUX, the scaling amplifier gain is automatically
set to 1, and the nominal transfer function from INRC pin to A/D output is:
count_INRC
floor Ginrc INRC
VCCA
-----------------
1024



=
and the nominal transfer function is:
INRC
count_INRC
1024
----------------------------------
1
Ginrc
---------------
VCCA

=
where:
Ginrc is the gain of the INRC amplifier;
count_INRC is the result of the A/D conversion of INRC pin voltage;
INRC is the INRC pin voltage level.
INRC voltage resolution depends on different contributions:
A/D error conversion (±2 counts);
scaling amplifier gain accuracy (±0.5%);
scaling amplifier offset (±300 μV);
INRC amplifier gain accuracy (±1%);
INRC amplifier output offset (±21 mV);
VCCA voltage precision.
When the RCT2 amplifier is selected by the MUX, the scaling amplifier gain is automatically
set to 1, and the nominal transfer function from RCT2 pin to A/D output is:
count_RCT2
floor Grtc2 RCT2
VCCA
-----------------
1024



=
and the nominal transfer function is:
RCT2
count_RCT2
1024
-----------------------------------
1
Grtc2
----------------
VCCA

=
where:
Grct2 is the gain of the RCT2 amplifier;
count_RCT2 is the result of the A/D conversion of RCT2 pin voltage;
RCT2 is the RCT2 pin voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com