Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 34Page - STMicroelectronics L9780TR Datasheet HTML 35Page - STMicroelectronics L9780TR Datasheet HTML 36Page - STMicroelectronics L9780TR Datasheet HTML 37Page - STMicroelectronics L9780TR Datasheet HTML 38Page - STMicroelectronics L9780TR Datasheet HTML 39Page - STMicroelectronics L9780TR Datasheet HTML 40Page - STMicroelectronics L9780TR Datasheet HTML 41Page - STMicroelectronics L9780TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Digital interface description
L9780
38/56
DocID026356 Rev 3
Bit 15 - 14: CB[1..0]
These are confirmation bits.
CB1 => expected always = ‘1’; if it is not verified, a problem (short to ground or open) in SPI
interface is present;
CB0 => expected always = ‘0’; if it is not verified, a problem (short to supply) in SPI interface
is present.
Bit 13:
This bit is not used and its status is ignored.
Bit 12 - 11: STBHFT[1..0]
These bits are used to define the heater short to battery fault time duration, as specified in
Table 17.
Default state for these bits after power on reset: 00.
Bit 10 - 8: ISPT[2..0]
These bits are used to define the INRC switch time pulse duration (tINRC), as specified in
Table 16.
If the device receives an SPI command in order to modify ISPT[2..0] bits in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. ISPT[2..0] bits reported in the output register are the values used in the
last measurement cycle.
For the description of the timing sequence refer to Section 4.12.
Default state for these bits after power on reset: 000.
Bit 7: PG2EN
This bit enables (PG2EN=’1’) or disables (PG2EN=’0’) protection FET on channel 2. If a
sensor short to battery condition is detected, the PG driver remains off even if a frame with
PG2EN=’1’ is sent; if
detailed description of the diagnostic fault detection refer to Section 5.1.
Default state for this bit after power on reset: 0.
Bit 6: PG1EN
This bit enables (PG1EN=’1’) or disables (PG1EN=’0’) protection FET on channel 1. If a
sensor short to battery condition is detected, the PG driver remains off even if a frame with
PG1EN=’1’ is sent; if the driver is in on state and a sensor short to battery condition is
detected, it will be switched off. For a detailed description of the diagnostic fault detection
refer to Section 5.1.
Default state for this bit after power on reset: 0.
Bit 5 – 0:
These bits are not used and their status is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com