Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 64 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 64 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 60Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 61Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 62Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 63Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 64Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 65Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 66Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 67Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 68Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
46
System Specification
Section 15-1
Electrical
Power Input Transmitter
24 VDC ±20%, maximum current 285 mA
MTS Input
24 VDC ±20%, 20 mA typ.
Power Input Receiver
24 VDC ±20%, maximum current 1835 mA
Receiver 485 mA + AUX 100 mA +
OSSD1 625 mA + OSSD2 625 mA
Leakage current
< 1mA
Capacitive Load
< 4.7µF for OSSD output
Inductive Load
Please contact your Omron representative for further
information.
Test pulse data
t1: Test pulse
≤ 600 µs
t2: 4 ms
≤ Test interval ≤ 40 ms
t3: Repetition
≤ 5min
Muting Option
24 VDC ±20%, 30 mA max.
Muting Duration
Approx. 2 min. or No time limit
Power Supply
Must meet the requirements of EN/IEC 60204-1 and
EN/IEC 61496-1, and must guarantee safe insulation
from the mains voltage in accordance with IEC 60742
and be able to cover a drop of supply voltage of at least
20 ms.
Protection class
(IEC 536 or VDE 106)
III
Environmental
Enclosure Rating
IP65
Operating Temperature
-10°C … +55°C
Storage Temperature
-25°C … +70°C
Relative Humidity
95% maximum, non-condensing
Vibration (IEC 60068-2-6)
10 - 55 Hz, 10g, maximum on all 3 axes
Shock (IEC 60086-2-29)
10g for 16 ms, 1000 shocks on all 3axes
Connections
Cable length
MS4800 Transmitter
Unshielded cables:
Max. 50 m, @ 0.32 mm²
We recommend to use the F39-JMT cables or as
alternative the F39-TGR-CVL-B-_E (shielded) to
connect the MS4800 system to the machine control
system.
Cable length
MS4800 Receiver
Unshielded cables, length is depending on the maxi-
mum current consumption:
OSSD 1&2-load 625 mA: 12 m @ 0.5 mm²
OSSD 1&2-load 300 mA: 45 m @ 0.5 mm²
We recommend to use the F39-JMR cables or as
alternative the F39-TGR-CVL-B-_R (shielded) to
connect the MS4800 system to the machine control
system.
Cable length
MS4800FS system
Shielded cables, M12 connector 4-pin, these cables are
available as accessories. Maximum length is 10 m
between segments
OSSD 1
OSSD 2
t1
t2
t3
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com