Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 68 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 64Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 65Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 66Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 67Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 68Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 69Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 70Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 71Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
50
MS4800 system data with 30 mm resolution
Section 15-4
15-4 MS4800 system data with 30 mm resolution
* This size is not available for Master or Standalone models.
1480 mm
1520 mm
1560 mm
1600 mm
1640 mm
1680 mm
A
1481,8
1521,5
1563,3
1600,9
1641,3
1681,3
B
1617,8
1657,5
1699,3
1736,9
1777,3
1817,3
C
1579,1
1618,8
1660,6
1698,2
1738,6
1778,6
D
1504,7
1544,4
1586,2
1623,8
1664,2
1740,2
E
1568,7
1608,4
1650,2
1687,8
1728,2
1768,2
Weight
6,99 kg
7,17 kg
7,35 kg
7,53 kg
7,71 kg
7,89 kg
Number of
Beams
148
152
156
160
164
168
1720 mm
1760 mm
1800 mm
A
1720,8
1760,5
1802,9
B
1856,8
1896,5
1938,9
C
1818,8
1857,8
1900,2
D
1743,7
1783,4
1825,8
E
1807,7
1847,4
1889,8
Weight
8,07kg
8,26kg
8,44kg
Number of
Beams
172
176
180
240 mm*
280 mm
320 mm
360 mm
400 mm
440 mm
A
244,6
284,4
324,8
364,5
404,2
443,9
B
380,6
420,4
460,8
500,5
540,2
579,9
C
341,9
381,7
422,1
461,8
501,5
541,2
D
267,5
307,3
347,7
387,4
427,1
466,8
E
331,5
371,3
411,7
451,4
491,1
530,8
Weight
1,55 kg
1,68 kg
1,81 kg
1,95 kg
2,13 kg
2,40 kg
Number of
Beams
12
14
16
18
20
22
480 mm
520 mm
560 mm
600 mm
640 mm
680 mm
A
484,3
523,4
563,7
604,1
643,9
683,6
B
620,3
659,4
699,7
740,1
779,9
819,6
C
581,6
620,7
661,0
701,4
741,2
780,9
D
507,2
546,3
586,6
627,0
666,8
706,5
E
571,2
610,3
650,6
691,0
730,8
770,5
Weight
2,49 kg
2,63 kg
2,81 kg
2,99 kg
3,18 kg
3,36 kg
Number of
Beams
24
26
28
30
32
34
720 mm
760 mm
800 mm
840 mm
880 mm
920 mm
A
724,0
762,0
803,5
843,4
882,8
923,8
B
860,0
898,0
939,5
979,8
1018,8
1059,8
C
821,3
859,3
900,8
941,1
980,1
1021,1
D
746,9
784,9
826,4
866,7
905,7
946,7
E
810,9
848,9
890,4
930,7
969,7
1010,7
Weight
3,54 kg
3,76 kg
3,90 kg
4,08 kg
4,26 kg
4,45 kg
Number of
Beams
36
38
40
42
44
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com