Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 43Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 44Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 45Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 46Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 47Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 48Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 49Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 50Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
29
SECTION 10
Installation
!WARNING Install the sensor system so that it is not affected by reflective surfaces. Fail-
ure to do so may hinder detection, resulting in serious injury.
10-1 Reflective Surface Interference
A reflective surface adjacent to the detection zone can deflect the optical
beam and may cause an obstruction in the zone not to be detected. The
reflective surface may be part of the machine, mechanical guard or work-
piece. Therefore, a minimum distance (d) must exist between the reflective
object and the center line of the detection zone. The Test procedure (Appen-
dix B) must be used to test for this condition.
In this picture, the interruption is clearly detected. The reflective object is out-
side of the beam angle.
Operating range R: is the effective working distance of the MS4800 system,
from the transmitter to the receiver.
EAA:
is the effective aperture angle of the Safety Sensor.
it is ±2,5° for MS4800 system
distance d:
is the minimum distance to a reflective surface.
This distance must be bigger than:
dmin MS4800 system = tan(2,5°)×R
Be aware that reflective surface interference may also appear above and
below the sensing field.
Operating range R
Transmitter
Receiver
Interruption
Approach direction
Reflective surface
EAA
d = distance to
reflective surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com