Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 45Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 46Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 47Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 48Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 49Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 50Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 51Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 52Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
31
General Mounting Considerations
Section 10-3
10-3 General Mounting Considerations
10-3-1 Additional Guarding
Areas of access to the point of hazardous operation not guarded by the
MS4800 system must be protected by suitable means such as a fixed barrier
guard, an interlocked guard or a safety mat system.
10-3-2 Added Mounting Rigidity
It is recommended that when installing a
MS4800 larger than 1000 mm in length,
you use an additional mounting bracket.
This is to be installed using the T-slot on
the
backside
of
the
transmitter
and
receiver.
Note
For light curtain > 1000 mm its recom-
mended to buy extra T - slot mounting
bracket as Accessory.
Supplemental
Guarding
Supplemental
Guarding
Hazard
Zone
Ds
Supplemental
Guarding
Example
Mechanical
Barrier
Supplemental
Guarding
Supplemental
Guarding
MS4800 point of
operation guarding
MS4800FS 3-sided guarding
MS4800FS 2-Axis guarding
ALTERNATE
T-SLOT
MOUNTING
ALTERNATE
T-SLOT
MOUNTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com