Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 91 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 91 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 87Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 88Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 89Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 90Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 91Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 92Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 93Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 94Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 95Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
73
SECTION 17
Diagnostics and Troubleshooting
17-1 Transmitter Diagnostic information and troubleshooting
The transmitter has one Yellow LED to show the operational status.
If the yellow LED is off:
1.
Verify the cable is connected.
2.
Verify the power supply is within limits (+24 V ±20%)
3.
If this does not solve the problem, please contact your local Omron distrib-
utor or the European Repair Center.
If the yellow LED is blinking:
1.
Verify the power supply is within limits (+24 V ±20%)
2.
If this does not solve the problem, please contact your local Omron distrib-
utor or the European Repair Center.
17-2 Receiver Diagnostic Information
The receiver first segment has a set of LEDs to indicate diagnostic codes. The
LEDs will only indicate error codes, if it is in an error condition. In this state the
yellow INTERLOCK LED will be flashing and a row of 10 LEDs will display the
fault code.
17-3 Receiver Endcap Indicator Lights
Next group of 4
LED are on.
4th LED is off
First 3 LED are on.
Front View of
Receiver showing the
first 8 IBIs.
IBI LEDs are turned on to
indicate fault code 34,
which means OSSD 1
shorted to ground.
Interlock LED flashing on
receiver endcap
LED Color
Information shown
GREEN
The MS4800 is in the MACHINE RUN state.
RED
The MS4800 is in the MACHINE STOP state.
YELLOW INTERLOCK
The light curtain is waiting for the start button to be
pushed. If the LED is blinking, the light curtain is in an
alarm condition.
AMBER
The light curtain is operating in a Floating Blanking or
Fixed Blanking mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com