Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 41Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 42Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 43Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 44Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 45Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 46Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 47Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 48Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
27
Safety distance for safeguarding danger areas
Section 9-2
9-2
Safety distance for safeguarding danger areas
!WARNING Additional countermeasures may be necessary to prevent access to the dan-
gerous area from above, below, the sides or the rear of the machine.
The height of the protective field "H" above the reference plane and the reso-
lution "d" of the MS4800 system have the following relationship:
Hmin = 15 x (d -50)
or
d = (Hmin / 15) + 50
Hmin = Height of the protective field above the reference plane,
maximum height = 1000 mm.
It is considered that if height is equal or less than 300 mm,
adults can not crawl under.
d =
resolution of the MS4800 system
S =
(K x T) + C
For K and T please refer to the previous chapter
C =
(1200 mm - 0,4 x H) but not less than 850 mm
(arm length)
H = Height of protective field above the floor
S =
(1600 mm x T) + (1200 - 0,4 x H)
H
S
Direction of
approach
50 mm - maximum distance
to avoid walking behind



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com